Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2754S Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2754S
Description  Low Cost 54 MHz VCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2754S Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2754S Datasheet HTML 1Page - Integrated Circuit Systems MK2754S Datasheet HTML 2Page - Integrated Circuit Systems MK2754S Datasheet HTML 3Page - Integrated Circuit Systems MK2754S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK2754
Low Cost 54 MHz VCXO
MDS 2754 B
2
Revision 011698
Printed 11/16/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Pin Descriptions
Pin Assignment
Number
Name
Description
1
X1
Crystal connection. Connect to a pullable 13.5 MHz crystal.
2
VDD
VDD. Connect to +5V.
3
VIN
Voltage input to VCXO. Zero to 3V analog input which controls the frequency of the VCXO.
4
GND
Connect to ground.
5
VDD
VDD. Connect to +5V.
6
CLK
54 MHz clock output.
7
GND
Connect to ground.
8
X2
Crystal connection. Connect to a pullable 13.5 MHz crystal.
8 pin (150 mil) SOIC
MK2754
1
8
2
3
4
7
6
5
X2
X1
GND
VDD
CLK
VIN
GND
VDD


Similar Part No. - MK2754S

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK27-1A66B-500W MEDER-MK27-1A66B-500W Datasheet
280Kb / 2P
   MK Reed Sensor
MK27-1A66B-500W_DE MEDER-MK27-1A66B-500W_DE Datasheet
282Kb / 2P
   (deutsch) MK Reed Sensor
logo
Pericom Semiconductor C...
MK2700001 PERICOM-MK2700001 Datasheet
709Kb / 4P
   2.5V CMOS SSXO
MK2700001 PERICOM-MK2700001 Datasheet
709Kb / 4P
   3.3V CMOS SSXO
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
More results

Similar Description - MK2754S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
   Low Cost 54 MHz 3.3 Volt VCXO
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
   LOW COST 54 MHZ 3.3 VOLT VCXO
072805
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
   7.0x5.0 VCXO 54 MHz
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
   Low Cost 27 MHz VCXO
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
logo
Integrated Circuit Syst...
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
   27 MHz and 54 MHz 3.3 Volt VCXO
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
   27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
logo
Integrated Circuit Syst...
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
   LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
   LOW COST 27 MHZ 3.3 VOLT VCXO
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
   LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com