Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP6.0 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # 5KP6.0
Description  5000W Peak Pulse Power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

5KP6.0 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  5KP6.0 Datasheet HTML 1Page - Bruckewell Technology LTD 5KP6.0 Datasheet HTML 2Page - Bruckewell Technology LTD 5KP6.0 Datasheet HTML 3Page - Bruckewell Technology LTD 5KP6.0 Datasheet HTML 4Page - Bruckewell Technology LTD 5KP6.0 Datasheet HTML 5Page - Bruckewell Technology LTD 5KP6.0 Datasheet HTML 6Page - Bruckewell Technology LTD 5KP6.0 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5KP_A
VRM : 5.0 - 180 Volts
PPK : 5000 Watts
Publication Order Number: [SZ303D - SZ30D0]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type
Breakdown Voltage @ IT
(Note 1)
Reverse
Stand off
Voltage
Maximum
Reverse
Leakage @
VRM
Maximum
Peak Pulse
Current
(Note2)
Maximum
Clamping
Voltage @
IPPM
Maximum
Temperature
Coefficient
of VBR
(%/°C)
VBR(V)
IT
VRM
IR
IPPM
VC
Min
Max
(mA)
(V)
(
μA)
(A)
(V)
5KP16A
17.8
19.7
5.0
16
10
192
26.0
0.096
5KP17
18.9
23.1
5.0
17
10
164
30.5
0.097
5KP17A
18.9
20.9
5.0
17
10
181
27.6
0.097
5KP18
20.0
24.4
5.0
18
10
155
32.2
0.098
5KP18A
20.0
22.1
5.0
18
10
172
29.2
0.098
5KP20
22.2
27.1
5.0
20
10
139
35.8
0.099
5KP20A
22.2
24.5
5.0
20
10
154
32.4
0.099
5KP22
24.4
29.8
5.0
22
10
127
39.4
0.100
5KP22A
24.4
26.9
5.0
22
10
141
35.5
0.100
5KP24
26.7
32.6
5.0
24
10
116
43.0
0.101
5KP24A
26.7
29.5
5.0
24
10
128
38.9
0.101
5KP26
28.9
35.3
5.0
26
10
107
46.6
0.101
5KP26A
28.9
31.9
5.0
26
10
119
42.1
0.101
5KP28
31.1
38.0
5.0
28
10
99
50.1
0.102
5KP28A
31.1
34.4
5.0
28
10
110
45.4
0.102
5KP30
33.3
40.7
5.0
30
10
93
53.5
0.103
5KP30A
33.3
36.8
5.0
30
10
103
48.4
0.103
5KP33
36.7
44.9
5.0
33
10
85
59.0
0.104
5KP33A
36.7
40.6
5.0
33
10
94
53.3
0.104
5KP36
40.0
48.9
5.0
36
10
78
64.3
0.104
5KP36A
40.0
44.2
5.0
36
10
86
58.1
0.104
5KP40
44.4
54.3
5.0
40
10
70
71.4
0.105
5KP40A
44.4
49.1
5.0
40
10
78
64.5
0.105
5KP43
47.8
58.4
5.0
43
10
65
76.7
0.105
5KP43A
47.8
52.8
5.0
43
10
72
69.4
0.105
5KP45
50.0
61.1
5.0
45
10
62
80.3
0.106
5KP45A
50.0
55.3
5.0
45
10
69
72.7
0.106
5KP48
53.3
65.2
5.0
48
10
58
85.5
0.106
5KP48A
53.3
58.9
5.0
48
10
65
77.4
0.106


Similar Part No. - 5KP6.0

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP6.0 LUGUANG-5KP6.0 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP6.0 SURGE-5KP6.0 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Pan Jit International I...
5KP6.0 PANJIT-5KP6.0 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
MIC GROUP RECTIFIERS
5KP6.0 MIC-5KP6.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
5KP6.0 SOCAY-5KP6.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 5KP6.0

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Surge Components
SES5VD923-2U SURGE-SES5VD923-2U Datasheet
317Kb / 6P
   100 Watts peak pulse power
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
   350 Watts peak pulse power
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
Nanjing International G...
ES5VD923 DGNJDZ-ES5VD923 Datasheet
677Kb / 4P
   100 Watts peak pulse power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com