Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2732-05S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2732-05S
Description  Low Phase Noise VCXOMultiplier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2732-05S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2732-05S Datasheet HTML 1Page - Integrated Circuit Systems MK2732-05S Datasheet HTML 2Page - Integrated Circuit Systems MK2732-05S Datasheet HTML 3Page - Integrated Circuit Systems MK2732-05S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2732-05
Low Phase Noise VCXO+Multiplier
MDS 2732-05 D
1
Revision 122799
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA •95126•(408) 295-9800 tel• www.icst.com
Block Diagram
Description
Features
The MK2732-05 is a low cost, low jitter, high
performance VCXO and PLL clock synthesizer
designed to replace expensive discrete VCXOs
and multipliers. The on-chip Voltage Controlled
Crystal Oscillator (VCXO) accepts a 0 to 3 V
input voltage to cause the output clocks to vary by
±100 ppm. Using ICS/MicroClock’s patented
VCXO and analog Phase-Locked Loop (PLL)
techniques, the device uses an inexpensive 10 MHz
to 14.318 MHz pullable crystal input to produce
one or two output clocks.
ICS manufactures the largest variety of Set-Top
Box and multimedia clock synthesizers for all
applications. Consult ICS to eliminate VCXOs,
crystals and oscillators from your board.
• Packaged in 16 pin narrow SOIC
• Replaces a VCXO and multiplier
• Uses an inexpensive pullable crystal
• Output clocks up to 85 MHz
• On-chip patented VCXO with pull range of
200 ppm (±100 ppm) minimum
• VCXO tuning voltage of 0 to 3 V
• Zero ppm synthesis error in both clocks
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 5 V operating voltage for core, ability to run
output clocks at 3.3V or 5V
Voltage
Controlled
Crystal
Oscillator
PLL/Clock
Synthesis
Circuitry
CLK1
10-14 MHz
pullable
crystal
X1
X2
VIN
Output
Buffer
CLK2
Output
Buffer
VDDIO
VDD5
OE
S2:S0
3


Similar Part No. - MK2732-05S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
MK2732-06G ICST-MK2732-06G Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06GI ICST-MK2732-06GI Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06GILF RENESAS-MK2732-06GILF Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
More results

Similar Description - MK2732-05S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
Renesas Technology Corp
MK2732-06 RENESAS-MK2732-06 Datasheet
364Kb / 9P
   LOW PHASE NOISE VCXO AND MULTIPLIER
051310
logo
PhaseLink Corporation
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
PhaseLink Corporation
PLL502-67 PLL-PLL502-67 Datasheet
100Kb / 6P
   4 Outputs 12.5MHz - 200MHz Low Phase Noise Multiplier VCXO
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com