Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2049-35 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2049-35
Description  3.3 V Communications Clock PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-35 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2049-35 Datasheet HTML 1Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 2Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 3Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 4Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 5Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 6Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 7Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 8Page - Integrated Circuit Systems MK2049-35 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MK2049-35
3.3 V Communications Clock PLL
MDS 2049-35 A
2
Revision 121300
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Pin Descriptions
Type: XI, XO = crystal connections, I = Input, O = output, P = power supply connection, LF = loop filter
connections
Pin Assignment
20 pin (300 mil) SOIC
1
16
2
3
4
15
14
13
VDD
GND
X2
VDD
GND
5
6
7
8
12
11
10
9
FS3
X1
FS1
FS0
CAP1
ICLK
8K
CLK/2
CLK
18
17
19
20
FCAP
VDD
FS2
GND
CAP2
RES
Number
Name
Type Description
1
FS1
I
Frequency Select 1. Determines CLK input/outputs per tables on page 4.
2
X2
XO Crystal connection. Connect to a MHz crystal as shown in the tables on page 4.
3
X1
XI
Crystal connection. Connect to a MHz crystal as shown in the tables on page 4.
4
VDD
P
Connect to +3.3V.
5
FCAP
-
Filter Capacitor. Connect a 1000 pF ceramic capacitor to ground.
6
VDD
P
Connect to +3.3V.
7
GND
P
Connect to ground.
8
CLK
O
Clock output determined by status of FS3:0 per tables on page 4.
9
CLK/2
O
Clock output determined by status of FS3:0 per tables on page 4. Always 1/2 of CLK.
10
8K
O
Recovered 8 kHz clock output.
11
FS2
I
Frequency Select 2. Determines CLK input/outputs per tables on page 4.
12
FS3
I
Frequency Select 3. Determines CLK input/outputs per tables on page 4.
13
ICLK
I
Input clock connection. Connect to 8 kHz backplane or MHz clock.
14
GND
P
Connect to ground.
15
VDD
P
Connect to +3.3V.
16
CAP1
LF
Connect the loop filter ceramic capacitors and resistor between this pin and CAP2.
17
GND
P
Connect to ground.
18
CAP2
LF
Connect the loop filter ceramic capacitors and resistor between this pin and CAP1.
19
RES
-
Connect a 10-200k
Ω resistor to ground. Contact ICS applications dept. at 408-297-1201 for the recommended value for your app.
20
FS0
I
Frequency Select 0. Determines CLK input/outputs per tables on page 4.


Similar Part No. - MK2049-35

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
MK2049-34SAI ICST-MK2049-34SAI Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
MK2049-34SAITR ICST-MK2049-34SAITR Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
More results

Similar Description - MK2049-35

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
   3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com