Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP8.0A Datasheet(PDF) 3 Page - Goodwork Semiconductor Co., Ltd .

Part # 5KP8.0A
Description  5000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

5KP8.0A Datasheet(HTML) 3 Page - Goodwork Semiconductor Co., Ltd .

  5KP8.0A Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 5KP8.0A Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 5KP8.0A Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . 5KP8.0A Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5000 Watt Axial Lead TVS
VR (V)
Min (V)
Max (V)
IT (mA)
IR (
µA)
Ipp (A)
Vc (V)
5KP5.0
5KP5.0C
5.0
6.40
7.30
50
5000
520.83
9.6
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
50
5000
543.48
9.2
5KP6.0
5KP6.0C
6.0
6.67
8.15
50
5000
438.60
11.4
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
50
5000
485.44
10.3
5KP6.5
5KP6.5C
6.5
7.22
8.82
50
2000
406.50
12.3
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
2000
446.43
11.2
5KP7.0
5KP7.0C
7.0
7.78
9.51
50
1000
375.94
13.3
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
50
1000
416.67
12.0
5KP7.5
5KP7.5C
7.5
8.33
10.20
5
250
349.65
14.3
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
250
387.60
12.9
5KP8.0
5KP8.0C
8.0
8.89
10.90
5
150
333.33
15.0
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
5
150
367.65
13.6
5KP8.5
5KP8.5C
8.5
9.44
11.50
5
50
314.47
15.9
5KP8.5A
5KP8.5CA
8.5
9.44
10.40
5
50
347.22
14.4
5KP9.0
5KP9.0C
9.0
10.00
12.20
5
20
295.86
16.9
5KP9.0A
5KP9.0CA
9.0
10.00
11.10
5
20
324.68
15.4
5KP10
5KP10C
10.0
11.10
13.60
5
15
265.96
18.8
5KP10A
5KP10CA
10.0
11.10
12.30
5
15
294.12
17.0
5KP11
5KP11C
11.0
12.20
14.90
5
5
248.76
20.1
5KP11A
5KP11CA
11.0
12.20
13.50
5
5
274.73
18.2
5KP12
5KP12C
12.0
13.30
16.30
5
5
227.27
22.0
5KP12A
5KP12CA
12.0
13.30
14.70
5
5
251.26
19.9
5KP13
5KP13C
13.0
14.40
17.60
5
5
210.08
23.8
5KP13A
5KP13CA
13.0
14.40
15.90
5
5
232.56
21.5
5KP14
5KP14C
14.0
15.60
19.10
5
5
193.80
25.8
5KP14A
5KP14CA
14.0
15.60
17.20
5
5
215.52
23.2
5KP15
5KP15C
15.0
16.70
20.40
5
5
185.87
26.9
5KP15A
5KP15CA
15.0
16.70
18.50
5
5
204.92
24.4
5KP16
5KP16C
16.0
17.80
21.80
5
5
173.61
28.8
5KP16A
5KP16CA
16.0
17.80
19.70
5
5
192.31
26.0
5KP17
5KP17C
17.0
18.90
23.10
5
5
163.93
30.5
5KP17A
5KP17CA
17.0
18.90
20.90
5
5
181.16
27.6
5KP18
5KP18C
18.0
20.00
24.40
5
5
155.28
32.2
5KP18A
5KP18CA
18.0
20.00
22.10
5
5
171.23
29.2
5KP20
5KP20C
20.0
22.20
27.10
5
5
139.66
35.8
5KP20A
5KP20CA
20.0
22.20
24.50
5
5
154.32
32.4
5KP22
5KP22C
22.0
24.40
29.80
5
5
126.90
39.4
5KP22A
5KP22CA
22.0
24.40
26.90
5
5
140.85
35.5
5KP24
5KP24C
24.0
26.70
32.60
5
5
116.28
43.0
5KP24A
5KP24CA
24.0
26.70
29.50
5
5
128.53
38.9
5KP26
5KP26C
26.0
28.90
35.30
5
5
107.30
46.6
5KP26A
5KP26CA
26.0
28.90
31.90
5
5
118.76
42.1
5KP28
5KP28C
28.0
31.10
38.00
5
5
100.00
50.0
5KP28A
5KP28CA
28.0
31.10
34.40
5
5
110.13
45.4
5KP30
5KP30C
30.0
33.30
40.70
5
5
93.46
53.5
5KP30A
5KP30CA
30.0
33.30
36.80
5
5
103.31
48.4
5KP33
5KP33C
33.0
36.70
44.90
5
5
84.75
59.0
5KP33A
5KP33CA
33.0
36.70
40.60
5
5
93.81
53.3
5KP36
5KP36C
36.0
40.00
48.90
5
5
77.76
64.3
5KP36A
5KP36CA
36.0
40.00
44.20
5
5
86.06
58.1
5KP40
5KP40C
40.0
44.40
54.30
5
5
70.03
71.4
5KP40A
5KP40CA
40.0
44.40
49.10
5
5
77.52
64.5
366
Maximum
Clamping
Voltage
@ Ipp
Breakdown Voltage VBR @ IT
Maximum
Reverse
Leakage
@ VR
Reverse
Standoff
Voltage
Part Number
(Uni)
Part Number
(Bi)
Maximum
Peak
Pulse
Current


Similar Part No. - 5KP8.0A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP8.0A SURGE-5KP8.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Semitech Semic...
5KP8.0A SEMITECH-5KP8.0A Datasheet
508Kb / 4P
   Low profile package
logo
Vishay Siliconix
5KP8.0A VISHAY-5KP8.0A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
First Components Intern...
5KP8.0A FCI-5KP8.0A Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
5KP8.0A LUGUANG-5KP8.0A Datasheet
929Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 5KP8.0A

ManufacturerPart #DatasheetDescription
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
P4KE UNIOHM-P4KE Datasheet
89Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
3KP GWSEMI-3KP Datasheet
189Kb / 4P
   3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
P6KE BYTES-P6KE Datasheet
305Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
   400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com