Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2020CT Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SR2020CT
Description  20.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SR2020CT Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SR2020CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SR2020CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (SR2020CT THRU SR20100CT)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
0
150
250
200
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
4
8
12
16
20
24
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
Tj=25 C
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
.1
1.0
10
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=25 C
Tj=100 C
0
20
40
60
80
100
120
140
160
180
200
71
CASE TEMPERATURE,( C)


Similar Part No. - SR2020CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
UNIOHM CORPORATION
SR2020CT UNIOHM-SR2020CT Datasheet
68Kb / 2P
   20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR2020CT SEMTECH_ELEC-SR2020CT Datasheet
250Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
   Dual Schottky Rectifiers
logo
Microdiode Electronics ...
SR2020CT CHENDA-SR2020CT Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR2020CT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
   20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SBR2045F SECOS-SBR2045F_10 Datasheet
143Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
   20.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP20150R SECOS-SP20150R_10 Datasheet
154Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SBR20200 SECOS-SBR20200_15 Datasheet
286Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
   20.0 AMP Schottky Barrier Rectifiers
MBR2060 SECOS-MBR2060_15 Datasheet
201Kb / 2P
   20.0 Amp Schottky Barrier Rectifiers
SP20200 SECOS-SP20200 Datasheet
309Kb / 2P
   20.0 AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com