Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL05 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADXL05
Description  Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXL05 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BUFFER
AMP
C3
0.1µF
+5V
VOUT
0.022µF
C1
C1
+3.4V
REF
COM
1.8V
6
8
9
10
1
2
3
4
0.022µF
C2
PRE-AMP
VPR
R2
R3
VIN–
5
ADXL05
R1
NOMINAL VALUES:
R1 = 49.9k
R3 = 100k
Ω (G=2)
R2 = 255k
Ω (G=2)
DC COUPLED CONNECTION ( 2
g Full Scale)
(@ VOUT Terminal (Pin 9), unless otherwise noted. 0 g Bias Level = +2.5 V, C1 = 0.022 F, R2 = 2.57 R3)
ADXL05J/A
Parameter
Conditions
Min
Typ
Max
Units
Buffer Gain
G = R3/R1*
2
FULL-SCALE RANGE
–2
+2
g
SENSITIVITY
@ +25
°C
350
400
450
mV/g
Temperature Drift
TMIN to TMAX
±0.5
% of Reading
ZERO g BIAS LEVEL
@ +25
°C
1.75
2.5
3.2
V
Temperature Drift
+25
°C to T
MIN or TMAX
±50/80
mV
FREQUENCY RESPONSE
dc
1000
Hz
*Note: Resistor tolerance will affect system accuracy. Use of
±1% (or better) metal film resistors is recommended.
AC COUPLED CONNECTION ( 1.5
g Full Scale)
(@ VOUT Terminal (Pin 9), unless otherwise noted. 0 g Bias Level = +2.5 V, C1 = 0.022 F, R2 = 2.57 R3
ADXL05J/A
Parameter
Conditions
Min
Typ
Max
Units
Buffer Gain
G = R3/R1*
5
FULL-SCALE RANGE
–1.5
+1.5
g
SENSITIVITY
@ +25
°C
875
1000
1,125
mV/g
Temperature Drift
TMIN to TMAX
±0.5
% of Reading
ZERO g BIAS LEVEL
@ +25
°C
2.5
V
Temperature Drift
+25
°C to T
MIN or TMAX
2/5
mV
FREQUENCY RESPONSE
C4 = 3.3
µF, R1 = 49.9 kΩ
1
1000
Hz
*Note: Resistor tolerance will affect system accuracy. Use of
±1% (or better) metal film resistors is recommended.
System Performance Specifications–ADXL05
BUFFER
AMP
C3
0.1µF
+5V
VOUT
0.022µF
C1
C1
+3.4V
REF
COM
1.8V
6
8
9
10
1
2
3
4
0.022µF
C2
PRE-AMP
VPR
R2
R3
VIN–
5
ADXL05
R1
C4
NOMINAL VALUES:
R1 = 49.9k
R3 = 249k
R2 = 640k
REV. B
–3–
OBSOLETE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn