Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL05 Datasheet(PDF) 19 Page - Analog Devices

Part No. ADXL05
Description  Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL05 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADXL05_15 Datasheet HTML 12Page - Analog Devices ADXL05_15 Datasheet HTML 13Page - Analog Devices ADXL05_15 Datasheet HTML 14Page - Analog Devices ADXL05_15 Datasheet HTML 15Page - Analog Devices ADXL05_15 Datasheet HTML 16Page - Analog Devices ADXL05_15 Datasheet HTML 17Page - Analog Devices ADXL05_15 Datasheet HTML 18Page - Analog Devices ADXL05_15 Datasheet HTML 19Page - Analog Devices ADXL05_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADXL05
–19–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.160 (4.06)
0.110 (2.79)
0.034 (0.86)
0.027 (0.69)
0.045 (1.14)
0.027 (0.69)
0.115
(2.92)
BSC
6
8
5
7
1
4
2
3
9
10
0.230 (5.84)
BSC
REFERENCE PLANE
SEATING PLANE
0.335 (8.51)
0.305 (7.75)
0.370 (9.40)
0.335 (8.51)
0.750 (19.05)
0.500 (12.70)
0.045 (1.14)
0.010 (0.25)
0.040 (1.02) MAX
0.185 (4.70)
0.165 (4.19)
OBSOLETE


Similar Part No. - ADXL05_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADXL05AH AD-ADXL05AH Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL05JH AD-ADXL05JH Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Similar Description - ADXL05_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz