Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL05 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADXL05
Description  Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXL05 Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADXL05
REV. B
–8–
TEMPERATURE –
°C
80
60
–60
40
–40
20
0
–20
–40
120
040
80
A
B
C
D
E
E
B
C
D
A
Figure 10. Change in 0 g Bias Level vs. Temperature
(Characteristic Curves from Five Typical Units)
FREQUENCY – Hz
40
20
–20
10
1M
100
1k
10k
100k
0
–10
30
10
NOTE: AT THIS FREQUENCY, THE SIGNAL ON THE
POWER SUPPLY IS IN SYNCHRONISM WITH THE
ACCELEROMETER'S INTERNAL CLOCK OSCILLATOR
(SEE EMI/RFI SECTION)
Figure 11. 0 g PSRR vs. Frequency
TEMPERATURE –
°C
0.05
0
–0.25
–50
150
0
50
100
–0.05
–0.1
–0.15
–0.2
Figure 12. % VREF Drift vs. Temperature
FREQUENCY – Hz
80
60
20
1
100k
10
100
1k
10k
40
TA = +25°C
VS = +5V + (0.5Vp-p)
Figure 13. +3.4 V VREF PSRR vs. Frequency
FREQUENCY – Hz
100
80
0
10
10k
100
1k
60
40
20
TA = +25°C, ACL = 2
Figure 14. Buffer Amplifier Output Impedance vs.
Frequency
FREQUENCY – Hz
30
20
–20
10
–10
25
15
5
0
–5
–15
10
1M
100
1k
10k
100k
G =10
G = 2
TA = +25°C
Figure 15. Buffer Amplifier Closed-Loop Gain vs.
Frequency
Typical Characteristics (@ +25 C, C1 = C2 = 0.022 F, V
S = +5 V unless otherwise noted)
OBSOLETE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn