Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL05 Datasheet(PDF) 7 Page - Analog Devices

Part No. ADXL05
Description  Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXL05 Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADXL05
–7–
REV. B
g LEVEL APPLIED
0
–0.2
0.2
–0.1
0.1
05
12
3
4
Figure 7. % Nonlinearity vs. g Level Applied
TEMPERATURE –
°C
40
30
–20
–50
150
0
50
100
20
10
0
–10
Figure 8. % Change in Noise from +25
°C vs. Temperature
DEMODULATOR CAPACITANCE – µF
10k
1k
10
0.01
1
0.1
100
Figure 9. –3 dB Bandwidth vs. Demodulator
Capacitance
FREQUENCY – Hz
9
6
–21
1
10k
10
100
1k
3
0
–3
–6
–9
–12
–15
–18
Figure 4. Normalized Sensitivity vs. Frequency
TEMPERATURE –
°C
2
1
–4
–50
150
0
50
100
0
–1
–2
–3
Figure 5. –3 dB Bandwidth vs. Temperature
SUPPLY VOLTAGE – Volts
0.30
–0.50
0.20
–0.10
–0.20
–0.30
–0.40
0.10
0.00
4.0
7.5
4.5
5.0
5.5
6.0
6.5
7.0
Figure 6. Sensitivity Change at VPR vs. Supply Voltage
Typical Characteristics (@ +25 C, C1 = C2 = 0.022 F, V
S = +5 V unless otherwise noted)
OBSOLETE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn