Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXL05 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADXL05
Description  Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXL05 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADXL05
REV. B
–4–
Package Characteristics
Package
JA
JC
Device Weight
10-Pin TO-100
130
°C/W
30
°C/W
5 Grams
ORDERING GUIDE
Model
Temperature Range
ADXL05JH
0
°C to +70°C
ADXL05AH
–40
°C to +85°C
ABSOLUTE MAXIMUM RATINGS*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . . 1000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Output Short Circuit Duration
(VPR, VOUT, VREF Terminals to Common) . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; the functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADXL05 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Drops onto hard surfaces can cause shocks of greater than 1000 g
and exceed the absolute maximum rating of the device. Care
should be exercised in handling to avoid damage.
PIN DESCRIPTION
+5 V
The power supply input pin.
C2
Connection for an external bypass capacitor (nominally 0.022
µF)
used to prevent oscillator switching noise from interfering with
other ADXL05 circuitry. Please see the section on component
selection.
C1
Connections for the demodulator capacitor, nominally 0.022
µF.
See the section on component selection for application information.
COM
The power supply common (or “ground”) connection.
VREF
Output of the internal 3.4 V voltage reference.
ST
The digital self-test input. It is both CMOS and TTL compatible.
VPR
The ADXL05 preamplifier output providing an output voltage of
200 mV per g of acceleration.
VOUT
Output of the buffer amplifier.
VIN–
The inverting input of the uncommitted buffer amplifier.
CONNECTION DIAGRAM
10-Header (TO-100)
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
1
2
3
4
V
IN–
V
OUT
V
PR
ST
V
REF
COM
C2
C1
C1
+5V
TOP VIEW
NOTES:
AXIS OF SENSITIVITY IS ALONG A LINE
BETWEEN PIN 5 AND THE TAB.
THE CASE OF THE METAL CAN
PACKAGE IS CONNECTED TO PIN 5
(COMMON).
ARROW INDICATES DIRECTION OF
POSITIVE ACCELERATION ALONG AXIS
OF SENSITIVITY.
OBSOLETE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn