Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM205 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM205
Description  CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM205 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM205_15 Datasheet HTML 3Page - Analog Devices ADM205_15 Datasheet HTML 4Page - Analog Devices ADM205_15 Datasheet HTML 5Page - Analog Devices ADM205_15 Datasheet HTML 6Page - Analog Devices ADM205_15 Datasheet HTML 7Page - Analog Devices ADM205_15 Datasheet HTML 8Page - Analog Devices ADM205_15 Datasheet HTML 9Page - Analog Devices ADM205_15 Datasheet HTML 10Page - Analog Devices ADM205_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM205–ADM211/ADM213
REV. 0
–7–
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VCC
Power Supply Input 5 V
± 10% (+5 V ± 5% ADM205).
V+
Internally generated positive supply (+10 V nominal) on all parts except ADM209.
ADM209 requires external 9 V to 13.2 V supply.
V–
Internally generated negative supply (–10 V nominal).
GND
Ground pin. Must be connected to 0 V.
C+
(ADM209 only) External capacitor (+ terminal) is connected to this pin.
C–
(ADM209 only) External capacitor (– terminal) is connected to this pin.
C1+
(ADM206, ADM207, ADM208, ADM211, ADM213) External capacitor (+ terminal) is connected to this pin.
C1–
(ADM206, ADM207, ADM208, ADM211, ADM213) External capacitor (– terminal) is connected to this pin.
C2+
(ADM206, ADM207, ADM208, ADM211, ADM213) External capacitor (+ terminal) is connected to this pin.
C2–
(ADM206, ADM207, ADM208, ADM211, ADM213) External capacitor (– terminal) is connected to this pin.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 k
Ω pull-up resistor to Vcc is
connected on each input.
TOUT
Transmitter (Driver) Outputs. These are RS-232 levels (typically
±10 V).
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 k
Ω pull-down resistor to GND is con-
nected on each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN
/EN
Enable Input. Active low on ADM205, ADM206, ADM209, ADM211. Active high on ADM213. This input is
used to enable/disable the receiver outputs. With EN = Low (EN = High ADM213), the receiver outputs are en-
abled. With EN =High (EN = low ADM213), the outputs are placed in a high impedance state. This facility is
useful for connecting to microprocessor systems.
SD/SD
Shutdown Input. Active high on ADM205, ADM206, ADM211. Active low on ADM213. With SD = high on the
ADM205, ADM206, ADM211, the charge pump is disabled, the receiver outputs are placed in a high impedance
state and the driver outputs are turned off. With SD low on the ADM213, the charge pump is disabled, the driver
outputs are turned off and all receivers except R4 and R5 are placed in a high impedance state. In shutdown, the
power consumption reduces to 5
µW.
NC
No Connect. No connections are required to this pin.
Table II. ADM205, ADM206, ADM211 Truth Table
SD
EN
Status
Transmitters T1–T5
Receivers R1–R5
0
0
Normal Operation
Enabled
Enabled
0
1
Normal Operation
Enabled
Disabled
1
0
Shutdown
Disabled
Disabled
Table III. ADM213 Truth Table
SD
EN
Status
Transmitters T1-T4
Receivers R1-R3
Receivers R4, R5
0
0
Shutdown
Disabled
Disabled
Disabled
0
1
Shutdown
Disabled
Disabled
Enabled
1
0
Normal Operation
Enabled
Disabled
Disabled
1
1
Normal Operation
Enabled
Enabled
Enabled
OBSOLETE


Similar Part No. - ADM205_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205AN AD-ADM205AN Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
More results

Similar Description - ADM205_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM222 AD-ADM222_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM237L AD-ADM237L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM242 AD-ADM242_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com