Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMU17A Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SMU17A
Description  1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SMU17A Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SMU17A Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SMU17A Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (SMU11A THRU SMU17A)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.2
0.4
0.6
0.8
1.0
1.2
35
30
25
20
15
10
5
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
0
LEAD TEMPERATURE ( C)
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
3.0
Tj=25 C
443


Similar Part No. - SMU17A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SMU11A UNIOHM-SMU11A Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU12A UNIOHM-SMU12A Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU13A UNIOHM-SMU13A Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU14A UNIOHM-SMU14A Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU15A UNIOHM-SMU15A Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
More results

Similar Description - SMU17A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
SUF11MH SECOS-SUF11MH Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A Datasheet
58Kb / 2P
   1.0 AMP. Super Fast Surface Mount Rectifiers
ES1A TSC-ES1A_10 Datasheet
440Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SSU11 GWSEMI-SSU11 Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF101RT SECOS-SUF101RT Datasheet
323Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL_10 Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M_15 Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
SUF11FL SECOS-SUF11FL_15 Datasheet
279Kb / 3P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_1 Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com