Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-7110V-2RG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-7110V-2RG_2015
Description  1.5 Gb/s Dual Optical SM Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-7110V-2RG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-7110V-2RG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-7110V-2RG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-7110V-2RG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-7110V-2RG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-7110V-2RG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-7110V-2RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2008 V1.0
1
SPS-7110V-2RG
(RoHS Compliant)
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Receiver
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 292M/297M/259M Compatible
l Speed from 50 Mbps to 1.5 Gbps
l Support Video Pathological Patterns for SD-SDI and
HD-SDI
l Dual Receiver with Duplex LC
l Based on Industry Standard SFP
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
APPLICATIONS
l SMPTE 292M/297M/259M Compliant
Electrical-to-Optical Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-7110V-2RG is a dual channel optical single mode
receiver module designed to receive optical serial digital
signals as defined in SMPTE 292M/297M/259M. It
supports from 50 Mbps to 1.5 Gbps and is specifically
designed for received the SMPTE 292M, SMPTE 297M
and SMPTE 259M SDI pathological patterns. It is with the
SFP 20-pin connector to allow hot plug capability.
ORDER INFORMATION
RX1
RX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Sen.
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(oC)
RoHS
Compliant
SPS-7110V-2RG
2-RX
50 to 1500 1260/1620
0 to -20 1260/1620 0 to -20
LC SFP
0 to 70
Yes
RELATED PRODUCTS
TX1
TX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Power
(dBm)
Package
Temp
(oC)
RoHS
Compliant
SPS-7110V-2TG
2-TX
50 to 1500
1310
0 to -7
1310
0 to -7
LC SFP
0 to 70
Yes
LINK DISTANCE
Transmitter
Receiver
SDI
Bit Rate
Max. Link Distance (km)
HD-SDI
1.485Gbps
21
SPS-7110V-2TG
SPS-7110V-2RG
SD-SDI
270Mbps
30


Similar Part No. - SPS-7110V-2RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110V-2RG OPTOWAY-SPS-7110V-2RG_15 Datasheet
163Kb / 5P
   1.5 Gb/s Dual Optical SM Receiver
More results

Similar Description - SPS-7110V-2RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110V-2RG OPTOWAY-SPS-7110V-2RG_15 Datasheet
163Kb / 5P
   1.5 Gb/s Dual Optical SM Receiver
SPS-7110V-1RG OPTOWAY-SPS-7110V-1RG_15 Datasheet
140Kb / 5P
   1.5 Gb/s Single Optical SM Receiver
SPS-7110V-1RG_2015 OPTOWAY-SPS-7110V-1RG_2015 Datasheet
140Kb / 5P
   1.5 Gb/s Single Optical SM Receiver
SPS-7110VW-2RG_2015 OPTOWAY-SPS-7110VW-2RG_2015 Datasheet
135Kb / 5P
   1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-7110VW-2RG OPTOWAY-SPS-7110VW-2RG_15 Datasheet
135Kb / 5P
   1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9110V-2RG_2015 OPTOWAY-SPS-9110V-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9110V-2RG OPTOWAY-SPS-9110V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG_2015 OPTOWAY-SPS-9380V-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-7110V-1T1RG_2015 OPTOWAY-SPS-7110V-1T1RG_2015 Datasheet
146Kb / 6P
   1.5 Gb/s Medium Power Optical SM Transmitter/Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com