Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9250-32 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9250-32
Description  Frequency Generator & Integrated Buffers for PII/III?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-32 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9250-32 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-32 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ICS9250-32
Third party brands and names are the property of their respective owners.
Byte 0: Active/Inactive Control Register
(1= enable, 0 = disable)
Byte 1: Active/Inactive Control Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B0
31
7
M
A
R
D
S
6
t
i
B1
31
6
M
A
R
D
S
5
t
i
B4
31
5
M
A
R
D
S
4
t
i
B5
31
4
M
A
R
D
S
3
t
i
B8
31
3
M
A
R
D
S
2
t
i
B9
31
2
M
A
R
D
S
1
t
i
B0
41
1
M
A
R
D
S
0
t
i
B3
41
0
M
A
R
D
S
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
2. Latched Frequency Selects (FS#) will be inverted logic
load of the input frequency select pin conditions.
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
d
e
v
r
e
s
e
R
6
t
i
B-
>
<d
e
v
r
e
s
e
R
5
t
i
B-
>
<d
e
v
r
e
s
e
R
4
t
i
B-
>
<d
e
v
r
e
s
e
R
3
t
i
B-
0
d
e
v
r
e
s
e
R
2
t
i
B-
0
d
e
v
r
e
s
e
R
1
t
i
B-
0
d
e
v
r
e
s
e
R
0
t
i
B-
0
d
e
v
r
e
s
e
R
Byte 3: Active/Inactive Control Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
d
e
v
r
e
s
e
R
6
t
i
B-
0
d
e
v
r
e
s
e
R
5
t
i
B-
0
d
e
v
r
e
s
e
R
4
t
i
B-
0
d
e
v
r
e
s
e
R
3
t
i
B-
0
d
e
v
r
e
s
e
R
2
t
i
B-
0
d
e
v
r
e
s
e
R
1
t
i
B-
0
d
e
v
r
e
s
e
R
0
t
i
B-
0
d
e
v
r
e
s
e
R
Byte 4: Active/Inactive Control Register
(1= enable, 0 = disable)
Byte 2: Active/Inactive Control Register
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B2
21
7
K
L
C
I
C
P
6
t
i
B1
21
6
K
L
C
I
C
P
5
t
i
B8
11
5
K
L
C
I
C
P
4
t
i
B7
11
4
K
L
C
I
C
P
3
t
i
B6
11
3
K
L
C
I
C
P
2
t
i
B5
11
2
K
L
C
I
C
P
1
t
i
B2
11
1
K
L
C
I
C
P
0
t
i
B1
11
0
K
L
C
I
C
P
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
0
d
e
v
r
e
s
e
R
6
t
i
B-
0
d
e
v
r
e
s
e
R
5
t
i
B-
0
d
e
v
r
e
s
e
R
4
t
i
B-
0
d
e
v
r
e
s
e
R
3
t
i
B-
0
m
u
r
t
c
e
p
S
d
a
e
r
p
S
f
f
O
=
1
/
n
O
=
0
(
2
t
i
B1
1
)
T
O
D
(
M
8
4
V
2
1
t
i
B2
1
)
B
S
U
(
M
8
4
V
3
0
t
i
B-
1
d
e
v
r
e
s
e
R
Note:
<>, with these 3 bits, the registers will store the written
values. The read back, however, will be the invert of the
written value.


Similar Part No. - ICS9250-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-30 ICST-ICS9250-30 Datasheet
274Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
More results

Similar Description - ICS9250-32

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-16 ICST-ICS9250-16 Datasheet
540Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-30 ICST-ICS9250-30 Datasheet
274Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com