Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9250-12 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9250-12
Description  Frequency Timing Generator for PENTIUM II/III Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-12 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9250-12 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-12 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
ICS9250-12
Electrical Characteristics - 3V66
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL =30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.25
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
44
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.6
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.3
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
48
55
%
Skew
1
tsk1
VT = 1.5 V
120
250
ps
Jitter, Absolute
1
tjabs1
VT = 1.5 V
-250
100
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
150
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 60 pF for PCI0 & PCI1, CL = 30 pF for other PCIs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
45
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.7
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.6
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Skew
1
tsk1
VT = 1.5 V
360
500
ps
Jitter, Absolute
1
tjabs1
VT = 1.5 V
-250
80
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
155
500
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9250-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
2019
More results

Similar Description - ICS9250-12

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
2019
logo
Integrated Circuit Syst...
ICS9250-11 ICST-ICS9250-11 Datasheet
194Kb / 8P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com