Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9250-11 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9250-11
Description  Frequency Timing Generator for PENTIUM II/III Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-11 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9250-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-11 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS9250-11
Electrical Characteristics - 3V33
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -14.5 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
VOH @ MIN = 1.0 V
-33
VOH @ MAX = 3.135 V
-33
VOL @ MIN = 1.95 V
30
VOL @ MAX = 0.4 V
38
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2.0
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
2.0
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
55
%
Skew window
1
tsk1
VT = 1.5 V
250
ps
Jitter, cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
250
ps
1
Guaranteed by design, not 100% tested in production.
Output High Current
Output Low Current
mA
mA
IOH1
IOL1
Electrical Characteristics - 3V66
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -14.5 mA
2.4
V
Output Low Voltage
VOL1
IOL =9 mA
0.4
V
VOH @ MIN = 1.0 V
-33
VOH @ MAX = 3.135 V
-33
VOL @ MIN = 1.95 V
30
VOL @ MAX = 0.4 V
38
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2.0
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
2.0
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
55
%
Skew window
1
tsk1
VT = 1.5 V
250
ps
Jitter, cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
500
ps
1
Guaranteed by design, not 100% tested in production.
Output High Current
Output Low Current
mA
mA
IOH1
IOL1


Similar Part No. - ICS9250-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
   Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
   Frequency Timing Generator for Pentium II Systems
12/14/01
logo
Integrated Circuit Syst...
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
   Frequency Timing Generator for PENTIUM II/III Systems
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
2019
logo
Integrated Circuit Syst...
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
More results

Similar Description - ICS9250-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
2019
logo
Integrated Circuit Syst...
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com