Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-4340W_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-4340W_2015
Description  8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-4340W_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-4340W_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-4340W_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-4340W_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-4340W_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-4340W_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-4340W-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
5/1/2008 V1.0
1
SPS-4340W-CXX0G
(RoHS Compliant)
3.3V / CWDM / 8.5 Gbps Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Up to 8.5 Gbps Bi-directional Data Links
l Complaint to SFP+ MSA
l Compliance with Fibre Channel FC-PI-4 800-SM-LC-L
l Compliant with 4G and, 2G Fibre Channel
l 8 Wavelength (λ): 1270 nm to 1410 nm CWDM DFB
LD Transmitter
l Distance up to 40 km
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l Multi-rate 8x / 4x / 2x Fibre Channel
l Gigabit Ethernet
DESCRIPTION
The SPS-4340W-CXX0G series single mode transceiver is
small form factor pluggable module for bi-directional serial
optical data communications such as 8x/4x/2x Fibre
Channel. It is with the SFP 20-pin connector to allow hot
plug capability. Digital diagnostic functions are available
via an I2C. This module is designed for single mode fiber
and operates at a nominal wavelength of CWDM
wavelength. There are eight center wavelengths available
from 1270 nm to 1410 nm, with each step 20 nm. A
guaranteed minimum optical link budget of 16 dB is
offered. The transmitter section uses a CWDM multiple
quantum well DFB laser and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section uses an integrated InGaAs detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Power Budget
(dB)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-4340W-CXX0G
8 / 4 / 2
FC-PI-4
> 16
CWDM*
SFP+ with DMI
0 to 70
Yes
CWDM* Wavelength (0 to 70oC)
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
Central
Wavelength
Min.
(nm)
Typ.
(nm)
Max.
(nm)
Clasp Color
Code
-C270
1264.5
1270
1277.5
Light Purple
-C350
1344.5
1350
1357.5
Pink
-C290
1284.5
1290
1297.5
Sky Blue
-C370
1364.5
1370
1377.5
Beige
-C310
1304.5
1310
1317.5
Yellow Green
-C390
1384.5
1390
1397.5
White
-C330
1324.5
1330
1337.5
Yellow Ocher
-C410
1404.5
1410
1417.5
Silver
CWDM*: 8 Wavelengths from 1270 nm to 1410 nm, each step 20 nm.


Similar Part No. - SPS-4340W_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4340W-CXX0G OPTOWAY-SPS-4340W-CXX0G Datasheet
170Kb / 5P
   3.3V / CWDM/ 8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4340W OPTOWAY-SPS-4340W_15 Datasheet
212Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-4340W_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4140WG_2015 OPTOWAY-SPS-4140WG_2015 Datasheet
187Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4170WG OPTOWAY-SPS-4170WG_15 Datasheet
167Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4340W OPTOWAY-SPS-4340W_15 Datasheet
212Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4170WG_2015 OPTOWAY-SPS-4170WG_2015 Datasheet
167Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4102WG OPTOWAY-SPS-4102WG_15 Datasheet
189Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4310W_2015 OPTOWAY-SPS-4310W_2015 Datasheet
183Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4310W OPTOWAY-SPS-4310W_15 Datasheet
183Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4102WG_2015 OPTOWAY-SPS-4102WG_2015 Datasheet
189Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4140WG OPTOWAY-SPS-4140WG_15 Datasheet
187Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-4100WG_2015 OPTOWAY-SPM-4100WG_2015 Datasheet
169Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com