Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248YF-80-T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9248YF-80-T
Description  General Purpose 133MHz System Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-80-T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9248YF-80-T Datasheet HTML 1Page - Integrated Circuit Systems ICS9248YF-80-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YF-80-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-80-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-80-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-80-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-80-T Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS9248- 80
Byte 0: Functionality and frequency select register (Default=0)
(1 = Running, 0 = Stopped Low)
Notes:
1. Default is for frequency control thru hardware pins.
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
7
t
i
B
d
a
e
r
p
s
n
w
o
d
%
5
.
0
-
o
t
0
:
0
0
d
a
e
r
p
s
n
w
o
d
%
0
.
1
-
o
t
0
:
1
)
4
:
6
,
2
(
t
i
B
s
t
i
B
y
c
n
e
u
q
e
r
f
K
L
C
1
e
t
o
N
26
5
4
00
0
0
4
3
.
3
3
1
00
0
1
1
0
.
5
2
1
00
1
0
0
0
.
0
2
1
00
1
1
9
9
.
4
1
1
01
0
0
9
9
.
9
0
1
01
0
1
0
0
.
5
0
1
01
1
0
0
0
.
0
0
1
01
1
1
0
0
.
5
9
10
0
0
0
0
.
1
9
10
0
1
1
0
.
5
8
10
1
0
0
0
.
5
7
10
1
1
0
0
.
0
7
11
0
0
7
6
.
6
6
11
0
1
0
0
.
0
6
11
1
0
9
9
.
4
5
11
1
1
3
3
.
3
3
3
t
i
B
)
3
:
0
(
S
F
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
:
0
I
f
o
4
:
6
,
2
s
t
i
b
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
f
:
1
2C
0
1
t
i
B
l
a
m
r
o
N
:
0
d
a
e
r
p
S
:
1
0
0
t
i
B
g
n
i
n
n
u
r
s
t
u
p
t
u
O
:
0
d
e
t
a
t
s
-
i
r
t
s
t
u
p
t
u
O
:
1
0
Byte 1: CLK output control register
(1 = Running, 0 = Stopped Low)
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B6
11
7
K
L
C
6
t
i
B7
11
6
K
L
C
5
t
i
B9
11
5
K
L
C
4
t
i
B0
21
4
K
L
C
3
t
i
B2
21
3
K
L
C
2
t
i
B3
21
2
K
L
C
1
t
i
B5
21
1
K
L
C
0
t
i
B6
21
0
K
L
C


Similar Part No. - ICS9248YF-80-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248YF-80-T RENESAS-ICS9248YF-80-T Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
More results

Similar Description - ICS9248YF-80-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
   CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
   CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
logo
Texas Instruments
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
logo
NXP Semiconductors
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
   CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
   CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Fairchild Semiconductor
RC7106 FAIRCHILD-RC7106 Datasheet
815Kb / 16P
   133MHz Spread Spectrum Clock for Motherboards
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com