Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248YF-65 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248YF-65
Description  Frequency Timing Generator for PENDIUM II Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-65 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248YF-65 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-65 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ICS9248-65
L
O
B
M
Y
S
S
N
O
I
S
N
E
M
I
D
N
O
M
M
O
C
S
N
O
I
T
A
I
R
A
V
D
N
.
N
I
M.
M
O
N.
X
A
M.
N
I
M.
M
O
N.
X
A
M
A5
9
0
.1
0
1
.0
1
1
.C
A0
2
6
.5
2
6
.0
3
6
.8
4
1
A8
0
0
.2
1
0
.6
1
0
.
2
A8
8
0
.0
9
0
.2
9
0
.
B8
0
0
.0
1
0
.5
3
1
0
.
C5
0
0
.-
0
1
0
.
Ds
n
o
i
t
a
i
r
a
V
e
e
S
E2
9
2
.6
9
2
.9
9
2
.
eC
S
B
5
2
0
.
0
H0
0
4
.6
0
4
.0
1
4
.
h0
1
0
.3
1
0
.6
1
0
.
L4
2
0
.2
3
0
.0
4
0
.
Ns
n
o
i
t
a
i
r
a
V
e
e
S
µ
°
0
°
5
°
8
X5
8
0
.3
9
0
.0
0
1
.
48 Pin SSOP Package
Ordering Information
ICS9248yF-65
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y F - PPP
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248YF-65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-64 ICST-ICS9248YF-64 Datasheet
142Kb / 15P
   AMD-K7TM System Clock Chip
ICS9248YF-66 ICST-ICS9248YF-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
More results

Similar Description - ICS9248YF-65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
logo
Renesas Technology Corp
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
   Frequency Timing Generator for Pentium II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com