Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248-65 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-65
Description  Frequency Timing Generator for PENDIUM II Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-65 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-65 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-65 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ICS9248-65
Frequency Select:
Note:
1. TCLK is a test clock driven on the x1 input during test mode.
ICS9248-65 Power Management Features:
Note:
1. LOW means outputs held static LOW as per latency requirement next page.
2. On means active.
3. PD# pulled Low, impacts all outputs including REF and 48 MHz outputs.
L
E
S
#
0
0
1
/
3
3
1
1
L
E
S0
L
E
S
U
P
C
z
H
M
2
/
U
P
C
z
H
M
6
6
V
3
z
H
M
I
C
P
z
H
M
8
4
z
H
M
F
E
R
z
H
M
C
I
P
A
O
I
z
H
M
s
t
n
e
m
m
o
C
00
0
Z
-
i
HZ
-
i
HZ
-
i
HZ
-
i
HZ
-
i
HZ
-
i
HZ
-
i
He
t
a
t
s
-
i
r
T
00
1
A
/
NA
/
NA
/
NA
/
NA
/
NA
/
NA
/
Nd
e
v
r
e
s
e
R
01
0
0
0
10
56
.
6
63
.
3
3Z
-
i
H8
1
3
.
4
17
6
.
6
1
L
L
P
z
H
M
8
4
d
e
l
b
a
s
i
d
01
1
0
0
10
56
.
6
63
.
3
38
48
1
3
.
4
17
6
.
6
1
10
0
2
/
K
L
C
T4
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T2
/
K
L
C
TK
L
C
T6
1
/
K
L
C
T)
1
(
e
d
o
m
t
s
e
T
10
1
A
/
NA
/
NA
/
NA
/
NA
/
NA
/
NA
/
Nd
e
v
r
e
s
e
R
11
0
3
.
3
3
16
66
63
3Z
-
i
H8
1
3
.
4
17
6
.
6
1
11
1
3
.
3
3
16
66
63
38
48
1
3
.
4
17
6
.
6
1
#
D
PK
L
C
U
P
C2
/
U
P
CC
I
P
A
O
I6
6
V
3I
C
PF
_
I
C
P
.
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
ON
O
Power Management Requirements:
Note:
1. Clock on/off latency is defined in the number of rising edges of free running PCICLKs between the clock disable goes low/
high to the first valid clock comes out of the device.
2. Power up latency is when PWR_DWN# goes inactive (high to when the first valid clocks are dirven from the device.
l
a
g
n
i
Se
t
a
t
S
l
a
g
n
i
S
y
c
n
e
t
a
L
s
e
g
d
e
g
n
i
si
r
f
o
.
o
N
K
L
C
I
C
P
f
o
#
D
P
)
n
o
it
a
r
e
p
o
l
a
m
r
o
n
(
1S
m
3
)
n
w
o
d
r
e
w
o
p
(
0.
x
a
m
2


Similar Part No. - ICS9248-65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
   Frequency Timing Generator for Pentium II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
   AMD-K7TM System Clock Chip
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
More results

Similar Description - ICS9248-65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
logo
Renesas Technology Corp
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
   Frequency Timing Generator for Pentium II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com