Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD75F Datasheet(PDF) 3 Page - NEC

Part # RD75F
Description  ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD75F Datasheet(HTML) 3 Page - NEC

  RD75F Datasheet HTML 1Page - NEC RD75F Datasheet HTML 2Page - NEC RD75F Datasheet HTML 3Page - NEC RD75F Datasheet HTML 4Page - NEC RD75F Datasheet HTML 5Page - NEC RD75F Datasheet HTML 6Page - NEC RD75F Datasheet HTML 7Page - NEC RD75F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13936EJ3V0DS00
3
RD2.0F to RD82F
Type Number
Zener Voltage
VZ (V)
Note 1
Dynamic Impedance
ZZ (
Ω)Note2
Reverse Current
IR (
µA)
Suffix
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR (V)
B1
12.19
12.85
B2
12.63
13.30
RD13F
B
B3
13.11
13.83
20
10
20
10
10
B1
13.55
14.28
B2
14.05
14.77
RD15F
B
B3
14.52
15.26
20
10
20
10
11
B1
14.98
15.75
B2
15.44
16.23
RD16F
B
B3
15.89
16.71
20
12
20
10
12
B1
16.37
17.27
B2
17.03
17.91
RD18F
B
B3
17.64
18.55
20
12
20
10
13
B1
18.26
19.21
B2
18.93
19.91
RD20F
B
B3
19.59
20.84
20
14
20
10
15
B1
20.45
21.51
B2
21.10
22.18
RD22F
B
B3
21.75
22.86
10
14
10
10
17
B1
22.44
23.59
B2
23.17
24.36
RD24F
B
B3
23.90
25.14
10
16
10
10
19
B1
24.63
26.10
B2
25.70
27.12
RD27F
B
B3
26.72
28.43
10
16
10
10
21
B1
27.43
29.09
B2
28.64
30.10
RD30F
B
B3
29.57
31.26
10
18
10
10
23
B1
30.35
31.97
B2
31.49
33.06
RD33F
B
B3
32.39
34.15
10
18
10
10
25
B1
33.24
34.94
B2
34.26
36.01
RD36F
B
B3
35.19
37.01
10
20
10
10
27
B1
36.11
38.00
B2
37.14
39.04
RD39F
B
B3
38.13
40.80
10
20
10
10
30
RD43F
B
4045105010
5
33
RD47F
B
4449105010
5
36
RD51F
B
4854105010
5
39
RD56F
B
5360105010
5
43
RD62F
B
5866105010
5
47
RD68F
B
6472107010
5
52
RD75F
B
7079109010
5
57
RD82F
B
7787109010
5
63
Note 1.
Tested with pulse (40 ms).
2.
ZZ is measured at IZ given an very small A.C. Current Signal.


Similar Part No. - RD75F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD75F EIC-RD75F Datasheet
47Kb / 3P
   ZENER DIODES
logo
NEC
RD75FM NEC-RD75FM Datasheet
49Kb / 8P
   ZENER DIODES
logo
EIC discrete Semiconduc...
RD75FM EIC-RD75FM Datasheet
92Kb / 2P
   ZENER DIODES
logo
Renesas Technology Corp
RD75FM RENESAS-RD75FM Datasheet
334Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - RD75F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
DO-41 CDIL-DO-41 Datasheet
146Kb / 3P
   DO-41 Hermetically Sealed Glass Axial Package
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com