Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248F-151-T Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248F-151-T
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248F-151-T Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248F-151-T Datasheet HTML 1Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248F-151-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9248-151
Third party brands and names are the property of their respective owners.
General Description
The ICS9248-151 is a single chip clock solution for Desktop
designs. It provides all necessary clock signals for such a
system.
Spread spectrum may be enabled through I
2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-151
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I
2C interface allows changing functions,
stop clock programming and frequency selection.
Power Groups
AVDD, AGND = Core PLL
AVDD48, AGND48 = 24, 48MHz and fixed PLL
VDDREF, GNDREF = REF clocks, Xtal


Similar Part No. - ICS9248F-151-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248F-163-T ICST-ICS9248F-163-T Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
More results

Similar Description - ICS9248F-151-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com