Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2341W-DXXG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2341W-DXXG_2015
Description  40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2341W-DXXG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2341W-DXXG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-2341W-DXXG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-2341W-DXXG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-2341W-DXXG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-2341W-DXXG_2015 Datasheet HTML 5Page - Optoway Technology Inc SPS-2341W-DXXG_2015 Datasheet HTML 6Page - Optoway Technology Inc SPS-2341W-DXXG_2015 Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Optoway
SPS-2341W-DXXG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
1
SPS-2341W-DXXG
(RoHS Compliant)
10.3 Gbps / 100 GHz DWDM / 40 km Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Up to 10.5 Gb/s Bi-directional Data Links
l Complaint to SFP+ MSA
l Compliant to IEEE 802.3ae 10GBASE-ER/EW
l Maximum Link Length of 40 km
l Temperature-stabilized DWDM EML Transmitter
l 14 dB Power Budget at Least
l 100 GHz ITU Grid, C Band
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10GBASE-ER/EW
l OC-192 / STM-64 IR2
l 40 km 10G Fibre Channel
DESCRIPTION
The SPS-2341W-DXXG series single mode transceiver is
small form factor pluggable module for bi-directional serial
optical data communications such as IEEE 802.3ae
10GBASE-ER/EW. It is with the SFP 20-pin connector to
allow hot plug capability. Digital diagnostic functions are
available via an I
2C. This module is designed for single
mode fiber and operates at a nominal wavelength of
100GHz ITU Grid, C Band DWDM wavelength. A
guaranteed minimum optical link budget of
14 dB is
offered.
The
transmitter
section
uses
temperature-stabilized DWDM electrical-modulated laser
(EML) and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.


Similar Part No. - SPS-2341W-DXXG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2341W-DXXG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W OPTOWAY-SPS-4341W_15 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W_2015 OPTOWAY-SPS-4341W_2015 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4345W_2015 OPTOWAY-SPS-4345W_2015 Datasheet
204Kb / 8P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4345W OPTOWAY-SPS-4345W_15 Datasheet
204Kb / 8P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W_2015 OPTOWAY-SPS-4381W_2015 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W OPTOWAY-SPS-2381W_15 Datasheet
203Kb / 7P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W OPTOWAY-SPS-4371W_15 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W_2015 OPTOWAY-SPS-4371W_2015 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W OPTOWAY-SPS-4381W_15 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com