Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248-131 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9248-131
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-131 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9248-131 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-131 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ICS9248- 131
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP2B
1
VO=VDD*(0.5)
12
24
55
Output Impedance
RDSN2B
1
VO=VDD*(0.5)
12
23
55
Output High Voltage
VOH1
IOH = -28 mA
2.4
V
Output Low Voltage
VOL1
IOL = 23 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
41
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.7
2.3
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.5
2.0
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Skew window
1
tsk1
VT = 1.5 V
305
500
ps
Jitter, Cyc-to-Cyc
tjcyc-cyc1
VT = 1.5 V
100
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD=VDDL=3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP2B
1
VO=VDD*(0.5)
12
24.19
55
Output Impedance
RDSN2B
1
VO=VDD*(0.5)
12
23.08
55
Output High Voltage
VOH1
IOH = -28 mA
2.4
V
Output Low Voltage
VOL1
IOL = 23 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
41
mA
SD (0:1,3:12) Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.4
2
ns
SD(0:1,3:12) Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.5
2
ns
SD(0:1,3:12) Duty Cycle
1
dt1
VT = 1.5 V
50
54
58
%
SD 2 Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.8
2.4
ns
SD 2 Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.9
2.4
ns
SD 2 Duty Cycle
1
dt1
VT = 1.5 V
50
54
58
%
Propagation Delay
Tprop
VT = 1.5 V
4
6
ns
Skew window
1
tsk1
VT = 1.5 V
350
500
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9248-131

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9248-135 ICST-ICS9248-135 Datasheet
191Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
ICS9248-136 ICST-ICS9248-136 Datasheet
231Kb / 16P
   Frequency Generator & Integrated Buffers for K7 Processor
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
logo
Renesas Technology Corp
ICS9248-138 RENESAS-ICS9248-138 Datasheet
344Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM
2019
More results

Similar Description - ICS9248-131

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com