Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248YF-112-T Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9248YF-112-T
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-112-T Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9248YF-112-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS9248-112
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
55
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.55
V
Output High Current
IOH1
VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL1
VOL@ MIN = 1.95 V, VOL@ MAX= 0.4
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
55
%
Skew
tsk1
1
VT = 1.5 V
500
ps
Jitter
tjcyc-cyc
VT = 1.5 V
500
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - REF, 48MHz
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 10 -20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP5
1
VO = VDD*(0.5)
20
60
Output Impedance
RDSN5
1
VO = VDD*(0.5)
20
60
Output High Voltage
VOH5
IOH = 1 mA
2.4
V
Output Low Voltage
VOL5
IOL = -1 mA
0.4
V
Output High Current
IOH5
VOH@MIN=1 V, VOH@MAX= 3.135 V
-29
-23
mA
Output Low Current
IOL5
VOL@MIN=1.95 V, VOL@MIN=0.4 V
29
27
mA
Rise Time
tr5
1
VOL = 0.4 V, VOH = 2.4 V
1.8
4
nS
Fall Time
tf5
1
VOH = 2.4 V, VOL = 0.4 V
1.7
4
nS
Duty Cycle
dt5
1
VT = 1.5 V
45
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V; Fixed Clocks
500
pS
tjcyc-cyc
1
VT = 1.5 V; Ref Clocks
1000
pS
Skew
Tsk
VT = 1.5 V
250
pS
1Guarenteed by design, not 100% tested in production.


Similar Part No. - ICS9248YF-112-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-110 ICST-ICS9248YF-110 Datasheet
152Kb / 14P
   AMD-K7TM System Clock Chip
ICS9248YF-114-T ICST-ICS9248YF-114-T Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
More results

Similar Description - ICS9248YF-112-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com