Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICS9248-114 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part No. ICS9248-114
Description  AMD - K7™ System Clock Chip
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

ICS9248-114 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ICS9248-114
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
5
µA
Input Low Current
IIL1
VIN = 0V; Inputs with no pull-up resistors
-5
µA
Input Low Current
IIL2
VIN = 0V; Inputs with pull-up resistors
-200
µA
IDD3.3OP66
C
L = 0 pF; Select @ 66 MHz
180
mA
IDD3.3OP100
C
L = 0 pF; Select @ 100 MHz
180
mA
IDD3.3OP133
C
L = 0 pF; Select @ 133 MHz
180
mA
Powerdown Current
IDD3.3PD
C
L = 0 pF; Input address to VDD or GND
600
µA
Input Frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
3
ms
TCPU-PCI
CPU VT = VX, PCI VT = 1.5V, CPU=66MHz
-100
-5509
100
ps
TCPU-PCI
CPU VT = VX, PCI VT = 1.5V, CPU=100MHz -100
-2946
100
ps
TCPU-PCI
CPU VT = VX, PCI VT = 1.5V, CPU=133MHz -100
-1637
100
ps
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1
Operating Supply
Current
Skew
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICS9248-141AMD - K7™ System Clock Chip 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS94236Programmable System Clock Chip for AMD - K7™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS94228Programmable System Clock Chip for AMD - K7™ processor 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS94215Programmable System Clock Chip for AMD - K7™ Processor 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS950403AMD - K8™ System Clock Chip 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS950405AMD - K8 System Clock Chip 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS94229Programmable System Clock Chip for AMD - K7 processor 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS9248-171AMD - K7TM System Clock Chip 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS9248-168AMD - K7™ Clock Generator for Mobile System 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS950402AMD - K8 System Clock Chip 1 2 3 4 5 MoreIntegrated Circuit Systems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn