Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248-114 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-114
Description  AMD - K7??System Clock Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-114 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-114 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-114 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9248-114
Third party brands and names are the property of their respective owners.
General Description
The ICS9248-114 is a main clock synthesizer chip for AMD-K7 based systems with VIA style chipset. This provides all clocks
required for such a system.
Spread spectrum may be enabled through I
2C programming. Spread spectrum typically reduces system EMI by 8dB to 10dB.
This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-114
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature
variations.
Serial programming I
2C interface allows changing functions, stop clock programming and frequency selection.
Mode Pin - Power Management Input Control
7
n
i
P
,
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
2
n
i
P
0
#
P
O
T
S
_
U
P
C
)
t
u
p
n
I
(
1
0
F
E
R
)
t
u
p
t
u
O
(


Similar Part No. - ICS9248-114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
   AMD - K7 ™ System Clock Chip
12/28/01
More results

Similar Description - ICS9248-114

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
   AMD - K7 System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
   AMD - K7??System Clock Chip
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
   AMD - K7 ™ System Clock Chip
12/28/01
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
   Programmable System Clock Chip for AMD - K7 processor
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
   Programmable System Clock Chip for AMD - K7??Processor
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
   Programmable System Clock Chip for AMD - K7??processor
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
   PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com