Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS107 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # RS107
Description  SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

RS107 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  RS107 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . RS107 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (RS101 THRU RS107)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
0
20
10
30
50
40
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
243


Similar Part No. - RS107

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS107 RECTRON-RS107 Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
GOOD-ARK Electronics
RS107 GOOD-ARK-RS107 Datasheet
676Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Bytes
RS107 BYTES-RS107 Datasheet
146Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS107 ZSELEC-RS107 Datasheet
84Kb / 2P
   1.0A BRIDGE RECTIFIER
logo
Dc Components
RS107 DCCOM-RS107 Datasheet
383Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RS107

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
DB101 GWSEMI-DB101 Datasheet
63Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DB101 FORMOSA-DB101 Datasheet
34Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB101 YIXIN-DB101 Datasheet
236Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS101 UNIOHM-RS101 Datasheet
61Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS101 FORMOSA-RS101 Datasheet
31Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB101G BYTESONIC-DB101G Datasheet
272Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
DB101 UNIOHM-DB101 Datasheet
65Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS101 BYTES-RS101 Datasheet
146Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com