Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD56F Datasheet(PDF) 1 Page - NEC

Part # RD56F
Description  ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD56F Datasheet(HTML) 1 Page - NEC

  RD56F Datasheet HTML 1Page - NEC RD56F Datasheet HTML 2Page - NEC RD56F Datasheet HTML 3Page - NEC RD56F Datasheet HTML 4Page - NEC RD56F Datasheet HTML 5Page - NEC RD56F Datasheet HTML 6Page - NEC RD56F Datasheet HTML 7Page - NEC RD56F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
ZENER DIODES
RD2.0F to RD82F
ZENER DIODES
1 W DO-41 GLASS SEALED PACKAGE
Document No. D13936EJ3V0DS00 (3rd edition)
(Previous No. SC-1007A)
Date Published June 2000 N CP(K)
Printed in Japan
©
1982
DESCRIPTION
NEC type RD
∗∗F Series are DHD (Double Heatsink Diode)
Construction planar type zener diodes possessing an allowable
power dissipation of 1 watt.
FEATURES
DHD (Double Heatsink Diode) Construction
Planar process
•VZ: Applied E24 standard
DO-41 Glass sealed package
APPLICATIONS
Circuits for,
Constant Voltage, Constant Current,
Wave form clipper, Surge absorber, etc.
MAXIMUM RATINGS (TA = 25
°°°°C)
Power Dissipation (P)
1 W (See Fig. 1)
Forward Current (IF)
200 mA
Junction Temperature (Tj)
175
°C
Storage Temperature (Tstg)
−65 to +175°C
Peak Reverse Power (PRSM)
See Fig. 9
PACKAGE DIMENSIONS
(Unit: mm)
φ 0.8
Cathode
indication
φ 3.0 MAX.


Similar Part No. - RD56F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD56F EIC-RD56F Datasheet
47Kb / 3P
   ZENER DIODES
logo
NEC
RD56FM NEC-RD56FM Datasheet
49Kb / 8P
   ZENER DIODES
logo
EIC discrete Semiconduc...
RD56FM EIC-RD56FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD56F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
DO-41 CDIL-DO-41 Datasheet
146Kb / 3P
   DO-41 Hermetically Sealed Glass Axial Package
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com