Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3082 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FODM3082
Description  4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3082 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FODM3082 Datasheet HTML 5Page - Fairchild Semiconductor FODM3082 Datasheet HTML 6Page - Fairchild Semiconductor FODM3082 Datasheet HTML 7Page - Fairchild Semiconductor FODM3082 Datasheet HTML 8Page - Fairchild Semiconductor FODM3082 Datasheet HTML 9Page - Fairchild Semiconductor FODM3082 Datasheet HTML 10Page - Fairchild Semiconductor FODM3082 Datasheet HTML 11Page - Fairchild Semiconductor FODM3082 Datasheet HTML 12Page - Fairchild Semiconductor FODM3082 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM3062, FODM3063, FODM3082, FODM3083 Rev. 1.0.9
10
Tape and Reel Information
D
D
W
K
t
d
1
0
P
P
A
P
0
B
0
0
2
E
F
W
1
0
Reel Diameter
Devices Per Reel
Max. Component Rotation or Tilt
Cover Tape Thickness
Cover Tape Width
Pocket Hole Dia.
Pocket Dimension
Pocket Location
Sprocket Hole Location
Sprocket Hole Dia.
Sprocket Hole Pitch
Tape Thickness
Pocket Pitch
Tape Width
Description
Symbol
Dimensions
2.54 Pitch
B
d
W1
D
K0
1
0
E
A
P
0
P
F
2
D
P
0
0
t
W
330 mm (13")
12.00
±0.4
7.30
±0.20
20
° max
1.55
±0.20
2.30
±0.20
0.065
±0.02
9.20
1.75
±0.20
8.00
±0.20
2.00
±0.20
5.50
±0.20
4.75
±0.20
1.55
±0.20
4.00
±0.20
0.35
±0.02
2500


Similar Part No. - FODM3082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3082 FAIRCHILD-FODM3082 Datasheet
103Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
More results

Similar Description - FODM3082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3062 FAIRCHILD-FODM3062 Datasheet
103Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com