Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD104 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD104
Description  General Purpose Input Isolation Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD104 Datasheet(HTML) 3 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Parameter
Min
Typ
Max
Unit
Notes
CLOCK OSCILLATOR (AD104 ONLY)
1
Source Voltage Amplitude
14.25
15
15.75
V pk-pk
±7.5 V Amplitude Within
±15 V Range
Square Wave Frequency
25
kHz
±5 kHz
Duty Cycle
50
% Hi vs. Low
±2%
TEMPERATURE RANGE
Rated Performance
0
+70
°C
Operating
–40
+85
°C
Storage
–40
+85
°C
PACKAGE DIMENSIONS
SIP Style Package (Y)
2.08
× 0.260 × 0.625 in. (max)
Not Including Pin Length
NOTES
1Specification(s) apply to one model only, either AD102 or AD104, as indicated.
2Nonlinearity is specified as a % deviation from a best fit straight line.
3All units 100% tested by “Partial Discharge” method @ 750 V rms for 5 sec, 150 pc maximum allowable discharge.
Specifications subject to change without notice.
PIN DESIGNATIONS
Pin
Function
1
OUT HI
2
PWR/CLK COM
3FB
4
ICOM
5
IN+
6
IN–
7
+15 V DC (AD102)
8
CLOCK INPUT (AD104)
9
OUT LO
ORDERING GUIDE
Model
Package
Max CMV
Nonlinearity
AD102JY
SIP Style
500 V rms
0.05%
AD104JY
SIP Style
500 V rms
0.05%
DIFFERENCES BETWEEN THE AD102 AND AD104
The primary difference between the AD102 and AD104 is that
the AD102 contains an integral clock oscillator circuit and the
AD104 does not. As a result, the AD102 operates when sup-
plied +15 V dc power while the AD104 requires power in the
form of 15 V, 25 kHz square wave source. Typically a clock
source for an AD104 will drive multiple devices to reduce the
per channel cost of the source and to provide perfect oscillator
synchronization between devices. The AD104 also consumes
slightly less power and has more than twice the bandwidth of
the AD102.
In situations where only one or a few isolators are used, the con-
venience of stand-alone operation offered by the AD102 may
provide a greater user advantage than use of the AD104. For
maximum product flexibility both the AD102 and AD104 can
be accommodated by using a single universal layout for device
interchangeability.
REV. A
–3–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
AD102/AD104
OBSOLETE


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn