Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD102 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD102
Description  General Purpose Input Isolation Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD102 Datasheet(HTML) 6 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
REV. A
–6–
AD102/AD104
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
1
2
98
7
3
4
65
0.10 (2.54)
0.20
(5.08)
0.05 (1.27)
BOTTOM VIEW
1.50 (38.10)
0.120
(3.048)
0.143
(3.63)
AD102/AD104
FRONT VIEW
2.08 (52.83) MAX
0.15
(3.81)
TYP
0.010 x 0.020
(0.254 x 0.508)
0.250 (6.35) TYP
0.260 (6.60) MAX
0.625
(15.88)
MAX
0.10 (2.54)
SIDE
VIEW
NOTE:
PIN 7 IS ONLY PRESENT ON AD102
PIN 8 IS ONLY PRESENT ON AD104
OBSOLETE


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn