Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA220 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part No. MA220
Description  400A AC and AC/DC Clamp Meters
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXTECH [Extech Instruments Corporation.]
Homepage  http://www.extech.com
Logo 

MA220 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
MA200 (Max. Resolution)
MA220 (Max. Resolution)
AC Current
2, 20, 200, 400A (0.001A)
40, 400A (0.01A)
DC Current
40, 400A (0.01A)
Basic accuracy
±2.5%
AC: ±3%, DC: ±2.5%
DC Voltage
200mV, 2V, 20, 200V, 600V (0.1mV)
400mV, 4V, 40V, 400V, 600V (0.1mV)
AC Voltage
200mV, 2V, 20V, 200V, 600V (0.1mV)
400mV, 4V, 40V, 400V, 600V (0.1mV)
Basic accuracy
AC: ±1.5% DC: ±1.2%
AC: 2%, DC: ±1.5%
Resistance (
Ω)
200, 2k, 20k, 200k, 2M, 20M (0.1
Ω)
400, 4k, 40k, 400k, 4M, 40MΩ (0.1
Ω)
Capacitance
40nF, 400nF, 4μF, 40μF, 100μF (0.01nF)
Frequency
5Hz, 50Hz, 500Hz, 5kHz, 150kHz (0.001Hz)
Temperature
-58 to 1830°F (-50 to 1000°C) (1°)
Duty Cycle
0.5 to 99.0% (0.1%)
Continuity
Beeper ≤30
Ω
Beeper ≤30
Ω
Dims/Wt.
7.9x2x1.4" (200x50x35mm)/ 7oz (200g)
7.9x2x1.4" (200x50x35mm)/ 7oz (200g)
Ordering Information:
MA200 ................400A AC Current Clamp Meter
MA200-NIST........400A AC Current Clamp Meter with Calibration Traceable to NIST.
MA220 ................400A AC/DC Current Clamp Meter
MA220-NIST........400A AC/DC Current Clamp Meter with Calibration Traceable to NIST.
MA200
MA220
Features:
Compact size allows measurements
in tight locations
High accuracy for Current measurements
Autoranging with Auto Power Off
0.9" (23mm) jaw size accommodates
conductors up to 300MCM
Continuity beeper and Diode test
Data Hold freezes current reading on display
Overload protection for all ranges
Overrange and low battery indicators
Complete with test leads, case, and
two AAA batteries
MA200 Features:
400A AC Current
2000 count LCD display
Max Hold
MA220 Features:
400A AC/DC Current
4000 count LCD display
One touch “Auto Zero”
Functions include Capacitance, Frequency,
Temperature, and Duty Cycle (MA220)
Includes general purpose Type K bead wire
temperature probe
Choice of AC Current or AC/DC Current model to meet your application needs
Compact size, autoranging 400A clamp with high accuracy for current measurements
400A AC and AC/DC Clamp Meters
Specifications subject to change without notice.
Copyright © 2007-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
1/26/12 - R1


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn