Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9158-03 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9158-03
Description  Frequency Generator and Integrated Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9158-03 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9158-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9158-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9158-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9158-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9158-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9158-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9158-03 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS9158-03
VDD = +3.3V±10%, TA=0°C to 70°C unless otherwise stated
Electrical Characteristics at 3.3V
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Characteristics
PARAM ETER
SYM BOL
TEST CONDITIONS
M IN
TYP
M AX
UNITS
Input Low Voltage
VIL
0.2 VDD
V
Input High Voltage
VIH
0.7 VDD
V
Input Low Current
IIL
V IN=0V(Pull-up)
-10
µA
Input High Current
IIH
V IN=VDD
-5
µA
Output Low Voltage
VOL
IOL=10m A
0.1VDD
V
Output High Voltage1
VOH
IOH=-5m A
0.85VDD
V
Output Low Current1
IOL
V OL=0.2VDD
20
30
m A
Output High Current1
IOH
V OH=0.7VDD
-15
-10
m A
Supply Current
IDD
No load, 66 M Hz
43
70
m A
Output Frequency Change
over Supply and
Tem perature1
FD
With respect to typical
frequency
0.002
0.01
%
Short Circuit Current1
ISC
Each output clock
25
56
m A
Pull-up Resistor Value1
RPU
Input pin
900
kW
Input Capacitance1
Ci
Except X1, X2
8
pF
Load Capacitance1
CL
Pins X1, X2
20
pF
AC C h aracteristics
PA RA M ETER
S Y M B OL
T E S T C O ND IT IO NS
M IN
T YP
M A X
U NIT S
O u tput R ise tim e,
0.8 to 2.0 V 1
tr
30pF load
-
1
2.5
n s
R ise tim e, 20% to 80% V DD 1
tr
30pF load
-
2.5
4.0
n s
O u tput Fall tim e, 2.0 to 0.8V 1
tf
30pF load
-
0.5
2.5
n s
F all tim e, 8 0 % to 2 0 % V DD1
tf
30pF load
-
1 .5
4.0
n s
Du ty cy cle1
d t
30pF load
40/50
44/46
50 /4 0
%
Jitter, on e sig m a1
tj1s
A s com pared w ith cloc k
period
0.5
2 .0
%
Jitter, ab so lute1
tjab
25
%
Jitter, ab so lute1
tjab
25-66 M H z clocks
30 0
ps
Input Freq ue ncy
fi
14.318
M H z
C lock skew w indow betw een
CL K2 A, CL K1 (A -D )
C P U an d C L K 12(A -C ) outputs1
T sk
100
250
ps
F requency Tran sition tim e1
tft
From 4 to 50 M H z
1 3
2 0
m s


Similar Part No. - ICS9158-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-04M ICST-ICS9158-04M Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-05 ICST-ICS9158-05 Datasheet
175Kb / 7P
   Buffered Clock Generator for Pentium??/Triton??Systems
ICS9158-05M ICST-ICS9158-05M Datasheet
175Kb / 7P
   Buffered Clock Generator for Pentium??/Triton??Systems
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
   Frequency Generator and Integrated Buffer
More results

Similar Description - ICS9158-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
   Frequency Generator and Integrated Buffer
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
   Frequency Generator and Integrated Buffer
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM?
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
   Frequency Generator and Integrated Buffer for PowerPC
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM?
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
   Frequency Generator and Buffer for Pentium Systems
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com