Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL210A Datasheet(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SL210A
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SL210A Datasheet(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SL210A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL210A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL210A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL210A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL210A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL210A Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1347, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SL210A
0.0001
0.001
0.01
0.1
1
10
20
30
40
50
60
70
80
90
100
Reverse Voltage-VR(V)
1
10
100
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage Drop-VF(V)
10
100
1000
0
5
10
15
20
25
30
35
40
Reverse Voltage-VR(V)
Fig.3-Typical Forward Voltage Drop Characteristics
TJ=125℃
TJ=25℃
Fig.2-Typical Values Of Reverse Current Vs. Reverse
Voltage
Fig.1-Typical Junction Capacitance Vs. Reverse
Voltage
TJ=25℃
TJ=125℃
TJ=25℃


Similar Part No. - SL210A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL210A GOOD-ARK-SL210A Datasheet
196Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SL210A BILIN-SL210A Datasheet
107Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SL210A CHENDA-SL210A Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SL210A MCC-SL210A Datasheet
395Kb / 3P
   2 Amp Low VF Schottky Rectifier 40~100 Volts
logo
Microdiode Electronics ...
SL210A CHENDA-SL210A Datasheet
889Kb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results

Similar Description - SL210A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com