Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9148B-04 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9148B-04
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148B-04 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9148B-04 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9148B-04
Functionality
VDD1,2,3 = 3.3V±5%, VDDL1,2 = 2.5V±5% or 3.3±5%, TA=0 to 70°C
Crystal (X1, X2) = 14.31818MHz
CPU3.3#_2.5
Input level
(Latched Data)
Buffer Selected for
operation at:
12.5V VDD
03.3V VDD
CPU 3.3#_2.5V Buffer selector for CPUCLK and IOAPIC drivers.
Power Management Functionality
FS2
FS1
FS0
CPU,
SDRAM(MHz)
PCICLK
(MHz)
REF, IOAPIC
(MHz)
0
0
0
50.0
25.0 (1/2 CPU)
14.318
0
0
1
75.0
32
14.318
0
1
0
83.3
41.65 (1/2 CPU)
14.318
0
1
1
68.5
34.25 (1/2 CPU)
14.318
1
0
0
83.3
33.3
14.318
1
0
1
75.0
37.5 (1/2 CPU)
14.318
1
1
0
60.0
30.0 (1/2 CPU)
14.318
1
1
1
66.8
33.4 (1/2 CPU)
14.318
Mode Pin - Power Management Input Control
MODE, Pin 25
(Latched Input)
Pin 46
Pin 15
0
CPU_STOP#
(INPUT)
PCI_STOP#
(INPUT)
1
REF1
(OUTPUT)
PCICLK5
(OUTPUT)
CPU_STOP#
PCI_STOP#
CPUCLK
Outputs
PCICLK
(0:5)
PCICLK_F,
REF,
24/48MHz
and SDRAM
Crystal
OSC
VCO
0
1
Stopped Low
Running
Running
Running
Running
1
1
Running
Running
Running
Running
Running
1
0
Running
Stopped Low
Running
Running
Running


Similar Part No. - ICS9148B-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-03 ICST-ICS9148-03 Datasheet
560Kb / 12P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
logo
Integrated Device Techn...
ICS9148-08 IDT-ICS9148-08 Datasheet
632Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9148-08-PPP ICST-ICS9148-08-PPP Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
More results

Similar Description - ICS9148B-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com