Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9148-58 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9148-58
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-58 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9148-58 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-58 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ICS9148- 58
Byte0: Functionality and Frequency Select Register
(default = 0)
Serial Configuration Command Bitmap
Bit
Description
PWD
Bit 7 Reserved
0
Bit
6:4
Bit6 Bit5
Bit4
111
110
101
100
011
010
001
000
CPU Clock
100.2
95.25
83.3
133.3
75
124
66.8
112
PCI
33.3
31.75
33.3
44.3
37.5
41.3
33.4
37.3
AGP
66.6
63.5
66.6
88.7
75
82.7
66.8
74.7
Note
1
Bit 3
0 - Frequency is selected by hardware select,
Latched Inputs
1 - Frequency is selected by Bit 6:4 (above)
0
Bit 2
0 - Spread Spectrum center spread type. ±.25%
1 - Spread Spectrum down spread type. 0 to -.5%
0
Bit 1 0 - Normal
1 - Spread Spectrum Enabled
0
Bit 0
0 - Running
1- Tristate all outputs
0
General I
2C serial interface information
The information in this section assumes familiarity with I2C programming. For more information, contact ICS for an I2C
programming application note.
How to Write:
• Send the address D2(H) .
• Send two additional dummy bytes, a command code
and byte count.
• Send the desired number of data bytes.
See the diagram below:
Note that the acknowledge bit is sent by the clock chip, and pulls the data line low. There is no minimum of data bytes that must
be sent.
How to Read:
• Send the address D3(H).
• Send the byte count in binary coded decimal
• Read back the desired number of data bytes
See the diagram below:
The following specifications should be observed:
1.
Operating voltage for I2C pins is 3.3V
2.
Maximum data transfer rate (SCLK) is 100K bits/sec.
Clock Generator
Address (7 bits)
ACK
+ 8 bits
dummy
command code
ACK
+ 8 bits
dummy Byte
count
ACK
Data Byte
1
ACK
Data Byte
N
ACK
A(6:0) & R/W#
D2(H)
Clock Generator
Address (7 bits)
ACK
Byte
C ount
ACK
Data Byte
1
AC K
Data Byte
N
A(6:0) & R/W#
D3(H)
I2C is a trademark of Philips Corporation
Note 1. Default at Power-up will be for latched logic inputs
to define frequency. Bits 4, 5, 6 are default to 000,
and if bit 3 is written to a 1 to use Bits 6:4, then
these should be defined to desired frequency at same
write cycle.
Note: PWD = Power-Up Default


Similar Part No. - ICS9148-58

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-53 ICST-ICS9148-53 Datasheet
540Kb / 18P
   Frequency Generator & Integrated Buffers for Mother Boards
More results

Similar Description - ICS9148-58

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com