Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-37200BW-1590G Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPB-37200BW-1590G
Description  155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-37200BW-1590G Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPB-37200BW-1590G Datasheet HTML 1Page - Optoway Technology Inc SPB-37200BW-1590G Datasheet HTML 2Page - Optoway Technology Inc SPB-37200BW-1590G Datasheet HTML 3Page - Optoway Technology Inc SPB-37200BW-1590G Datasheet HTML 4Page - Optoway Technology Inc SPB-37200BW-1590G Datasheet HTML 5Page - Optoway Technology Inc SPB-37200BW-1590G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optoway
SPB-37200W-1590G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2010
V2.0
5
PACKAGE DIAGRAM
Units in mm
A) SC SFP
A) LC SFP
Note: Specifications subject to change without notice.


Similar Part No. - SPB-37200BW-1590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-37200BW-1510G OPTOWAY-SPB-37200BW-1510G Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
More results

Similar Description - SPB-37200BW-1590G

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
SPB-3620WG JMNIC-SPB-3620WG Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3760WG_2015 OPTOWAY-SPB-3760WG_2015 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3740WG_2015 OPTOWAY-SPB-3740WG_2015 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37120W-1590G_2015 OPTOWAY-SPB-37120W-1590G_2015 Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37160W-1510G_2015 OPTOWAY-SPB-37160W-1510G_2015 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37200W-1590G OPTOWAY-SPB-37200W-1590G_15 Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37120W-1510G OPTOWAY-SPB-37120W-1510G_15 Datasheet
178Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37120W-1590G OPTOWAY-SPB-37120W-1590G_15 Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37160W-1590G OPTOWAY-SPB-37160W-1590G_15 Datasheet
187Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3620WG OPTOWAY-SPB-3620WG_15 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3780WG OPTOWAY-SPB-3780WG_15 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com