Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9148M-47 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9148M-47
Description  Pentium/ProTM System Clock Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148M-47 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9148M-47 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
ICS9148-47
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V+/-5%, VDDL = 2.5 V+/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
IDD2.5OP66
CL = 0 pF; Select @ 66.8 MHz
16
72
mA
Supply Current
IDD2.5OP100
CL = 0 pF; Select @ 100 MHz
23
100
mA
Power Down Supply
Current
IDD2.5PD
CL = 0 pF; With input address to Vdd
or GND
10
100
µA
tCPU-AGP
00.5
1
ns
tCPU-PCI2
VT = 1.5 V; VTL = 1.25 V
12.6
4
ns
1
Guaranteed by design, not 100% tested in production.
Skew
1
Electrical Characteristics - CPUCLK
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.3
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.2
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-41
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
37
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.25
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
454855%
Skew
tsk2B
1
VT = 1.25 V
30
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
150
250
ps
Jitter, One Sigma
tj1s2B
1
VT = 1.25 V
40
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
140
+250
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9148M-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-03 ICST-ICS9148-03 Datasheet
560Kb / 12P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
logo
Integrated Device Techn...
ICS9148-08 IDT-ICS9148-08 Datasheet
632Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9148-08-PPP ICST-ICS9148-08-PPP Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
More results

Similar Description - ICS9148M-47

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
   Pentium/ProTM System Clock Chip
9/27/99
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
   Pentium/ProTM System Clock Chip
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
   Pentium/ProTM System Clock Chip
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
   Pentium/ProTM System Clock Chip
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
   Pentium/ProTM System Clock Chip
2019
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
   Pentium/ProTM System Clock Chip
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
   Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com