Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1572BH Datasheet(PDF) 2 Page - NEC

Part # UPA1572BH
Description  N-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1572BH Datasheet(HTML) 2 Page - NEC

  UPA1572BH Datasheet HTML 1Page - NEC UPA1572BH Datasheet HTML 2Page - NEC UPA1572BH Datasheet HTML 3Page - NEC UPA1572BH Datasheet HTML 4Page - NEC UPA1572BH Datasheet HTML 5Page - NEC UPA1572BH Datasheet HTML 6Page - NEC UPA1572BH Datasheet HTML 7Page - NEC UPA1572BH Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
µPA1572B
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Drain Leakage Current
IDSS
10
µAVDS = 60 V, VGS = 0
Gate Leakage Current
IGSS
±10
µAVGS = ±20 V, VDS = 0
Gate Cutoff Voltage
VGS (off)
1.0
2.0
V
VDS = 10 V, ID = 1.0 mA
Forward Transfer Admittance
Y
fs
0.5
S
VDS = 10 V, ID = 1.0 A
Drain to Source ON-Resistance
RDS (on)1
0.3
0.6
VGS = 10 V, ID = 1.0 A
Drain to Sourse ON-Resistance
RDS (on)2
0.4
0.8
VGS = 4.0 V, ID = 1.0 A
Input Capacitance
Ciss
110
pF
VDS = 10 V, VGS = 0, f = 1.0 MHz
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
25
pF
Turn-on Delay Time
td (on)
30
ns
ID = 1.0 A, VGS (on) = 10 V, VDD = 30 V, RL = 30
Rise Time
tr
200
ns
Turn-off Delay Time
td (off)
100
ns
Fall Time
tf
160
ns
Total Gate Charge
QG
5.4
nC
VGS = 10 V, ID = 2.0 A, VDD = 48 V
Gate to Source Charge
QGS
0.7
nC
Gate to Drain Charge
QGD
2.0
nC
Body Diode Forward Voltage
VF (S-D)
1.0
V
IF = 2.0 A, VGS = 0
Reverse Recovery Time
trr
130
ns
IF = 2.0 A, VGS = 0, di/dt = 50 A/
µs
Reverse Recovery Charge
Qrr
110
nC


Similar Part No. - UPA1572BH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1572BH RENESAS-UPA1572BH Datasheet
234Kb / 10P
   COMPOUND FIELD EFFECT POWER TRANSISTOR
1996
More results

Similar Description - UPA1572BH

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1560 NEC-UPA1560 Datasheet
38Kb / 4P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
UPA1523B NEC-UPA1523B Datasheet
75Kb / 8P
   P-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
UPA1520B NEC-UPA1520B Datasheet
80Kb / 8P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING USE
UPA1552B NEC-UPA1552B Datasheet
86Kb / 8P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING USE
UPA1500B NEC-UPA1500B Datasheet
93Kb / 8P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com