Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNAP-AIMV-4 Datasheet(PDF) 2 Page - Opto Electronics Co,. LTD

Part # SNAP-AIMV-4
Description  SNAP Analog Input Modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIMV-4 Datasheet(HTML) 2 Page - Opto Electronics Co,. LTD

  SNAP-AIMV-4 Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIMV-4 Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
2
use PAC Managersoftware to calculate and set offset and
gain.
Isolation
All SNAP analog input modules are isolated from all other
modules and from the SNAP I/O processor. The modules in
this data sheet do not have channel-to-channel isolation,
however. (If you need isolated analog modules, see Opto 22
form #1182.)
Transformer isolation prevents ground loop currents from
flowing between field devices and causing noise that
produces erroneous readings. Ground loop currents are
caused when two grounded field devices share a connection,
and the ground potential at each device is different.
Isolation also protects sensitive control electronics from
industrial field signals.
IMPORTANT: Since these analog input modules provide
multiple single-ended input channels with a common
reference, the channels are not isolated from each other. (See
Opto 22 form #1182 for isolated modules.)
Bipolar and Unipolar Input Modules
Most SNAP analog input modules are considered to be
bipolar, which means the range extends equal amounts above
and below zero. An example of this is the SNAP-AIV module,
which has a range of -10 to +10 VDC.
Some modules are considered unipolar, which means the
range starts or ends at zero. For example, the SNAP-AIVRMS
module has a range of 0 to 250 VAC because AC current
cannot be negative.
Nominal Range and Over-range Limits
All SNAP analog input modules have a nominal range for the
field signal and most support a 10% over-range limit. The
nominal range is the normal range of the field signal for the
module or point configuration. The over-range limit is the
maximum valid field signal the module or point configuration
can read outside of the nominal range. For example, the over-
range limits for the SNAP-AIV are -11 and +11 VDC, and for the
SNAP-AIVRMS, the over-range limit is 275 VAC.
Some modules or point configurations do not support field
signals outside of the nominal range. For example, points
configured as temperature inputs (thermocouple, RTD, ICTD)
do not support over-range readings.
When the field signal is outside of the over-range limits of the
module, the brain will not be able to determine if the value is
too high or too low, so it will return an "out of range" value of -
32768.0
Over-range limits only apply to input modules. Output
modules are limited to their nominal ranges.


Similar Part No. - SNAP-AIMV-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-AIMA-HDB ETC2-SNAP-AIMA-HDB Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIMA-HDB-FM** ETC2-SNAP-AIMA-HDB-FM* Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
More results

Similar Description - SNAP-AIMV-4

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
   SNAP Analog Output Modules
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com