Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-H103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. STM-H103
Description  STM-H103 development board users manual
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

STM-H103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
INTRODUCTION:
STM32-H103 board is an entry level development board for the new ARM Cortex M3
family of devices produced by ST Microelectronics Inc.
With STM32-H103 you can explore the features of STM32 family on budged, the board
have everything necessary to build simple applications: USB port where power is taken and
power supply circuit, reset and oscillator circuits, JTAG port for programming and
debugging, two status LEDs and user button.
Although a very simple board, it is sufficient to easily build USB application like PC mouse,
USB mass storage device, USB Audio class device, USB to Virtual RS232 port. There are
plenty of GPIOs on extension headers where you can connect your additional circuits.
BOARD FEATURES:
-
CPU: STM32F103RBT6 ARM 32 bit CORTEX M3™
-
JTAG connector with ARM 2x10 pin layout for programming/debugging with ARM-
JTAG, ARM-USB-OCD, ARM-USB-TINY
-
USB connector
-
user button
-
RESET button
-
status LED
-
power supply LED
-
on board voltage regulator 3.3V with up to 800mA current
-
single power supply: takes power from USB port or extension connector pin
-
8 Mhz crystal oscillator
-
32768 Hz crystal and RTC backup battery connector
-
extension headers for all uC ports
-
PCB: FR-4, 1.5 mm (0,062"), soldermask, silkscreen component print
-
Dimensions: 61x 34mm (2.4 x 1.3")
-
Distance between the extension connectors: 25.4 mm (1")
ELECTROSTATIC WARNING:
The STM32-H103 board is shipped in protective anti-static packaging. The board must not
be subject to high electrostatic potentials. General practice for working with static sensitive
devices should be applied when working with this board.
BOARD USE REQUIREMENTS:
Cables:
1.8 meter USB A-B cable to connect to USB host.
Hardware:
ARM-JTAG, ARM-USB-OCD, ARM-USB-TINY or other ARM JTAG
compatible tool
Software:
ARM C compiler and debugger software, the possible options are:
-
free open source platform: GNU C compiler + OpenOCD and
Eclipse (support all low cost Olimex JTAG debuggers)
-
commercial solution EW-ARM from IAR Systems AB, require
expensive J-LINK debugger
-
CrossWorks from Rowley (supports all Olimex low cost JTAG
debuggers).
Page 2 of 18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn