Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM-H103 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # STM-H103
Description  STM-H103 development board users manual
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM-H103 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button STM-H103 Datasheet HTML 10Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 11Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 12Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 13Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 14Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 15Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 16Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 17Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ORDER CODE:
STM32-H103 – assembled and tested (no kit, no soldering required)
How to order?
You can order to us directly or by any of our distributors.
Please visit our web site www.olimex.com for more info.
All boards manufactured by Olimex LTD are ROHS compliant
Document revision history:
REV.A
- created February 2008
REV.B
- updated March 2014
Remember to check the schematics and the board design files to compare the differences.
Document revision history:
board rev. A
1. Replaced boot jumpers from 2-pin package to 3-pin package
2. Connected VUSB to PC4(ADC14) through ladder
3. Change BH to reiki
board rev. B
1. R3 now changed from 10K to 47K
2. Added D2 so the board cab be powered from JTAG pin #19
3. C8 gets changed from 100nF to 4.7uF/6.3V according to the datasheet
board rev. C
1. Added C20 and C23 capacitors on processor pins 31 and 47 which change whether you have STM32-H103 or
STM32-H405 board
If there STM32F103RBT6(LQFP64) c20 and c23 would be 0 Ohm resistors
If there STM32F103RBT6(LQFP64) c20 and c23 would 2.2uF/6.3V be resistors
2. C11 ot 10uF/6.3V is now 10uF/10V
3. C8 ot 4.7uF/6.3V is now 10uF/10V
4. C3 ot 47uF/6.3 becomes 22uF/6.3V parallel to it we add C24 22uF/6.3V
5. All resistors, capacitors and the LED diodes are now in 0603 package
6. The VBAT, USBP_E, LED_E are now closed by default
7. R16 bow becomes 0R(Board_Mounted)
Page 17 of 18


Similar Part No. - STM-H103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
   800 - 1000 MHz High Linearity Active Transmit Mixer
logo
List of Unclassifed Man...
STM-16 ETC2-STM-16 Datasheet
231Kb / 6P
   16 fold Spectroscopy Amplifier with Discriminators and Multiplicity Trigger
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
   1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
   1800 - 2100 MHz High Linearity Active Transmit Mixer
More results

Similar Description - STM-H103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAM7-P256 ETC2-SAM7-P256 Datasheet
2Mb / 21P
   SAM7-P256 development board Users Manual
logo
ON Semiconductor
EVBUM2757 ONSEMI-EVBUM2757 Datasheet
537Kb / 8P
   RSL15 Evaluation and Development Board Users Manual
January, 2022 - Rev. 5
MT9TV024IA7XTRH-GEVB ONSEMI-MT9TV024IA7XTRH-GEVB Datasheet
797Kb / 4P
   MT9V024 Evaluation Board Users Manual
July, 2016 ??Rev. 0
NB6L239MNEVB ONSEMI-NB6L239MNEVB Datasheet
249Kb / 6P
   NB6L239MNEVB Evaluation Board Users Manual
February, 2012 ??Rev. 1
NCV97311MW50AGEVB ONSEMI-NCV97311MW50AGEVB Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
ON Semiconductor
NB4N855SMEVB ONSEMI-NB4N855SMEVB Datasheet
376Kb / 6P
   Evaluation Board Users Manual for NB4N855S
February, 2012 ??Rev. 2
SECO-NCD57000-GEVB ONSEMI-SECO-NCD57000-GEVB Datasheet
2Mb / 10P
   NCD57000 mini Evaluation Board Users Manual
July, 2020 ??Rev. 0
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com