Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-H103 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part No. STM-H103
Description  STM-H103 development board users manual
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

STM-H103 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
CAN:
The STM32F103RBT6 CAN is compliant with specifications 2.0A and B (active) with a bit
rate up to 1 Mbit/s. It can receive and transmit standard frames with 11-bit identifiers as well
as extended frames with 29-bit identifiers. It has three transmit mailboxes, two receive
FIFOs with 3 stages and 14 scalable filter banks.
The CAN and USB share same pins PA11/EXT1-1 and PA12/EXT1-3, so you can’t use both
CAN and USB on same time.
USB:
The STM32F103RBT6 embeds a USB device peripheral compatible with the USB Full-
speed 12 Mbs. The USB interface implements a full speed (12 Mbit/s) function interface. It
has software configurable endpoint setting and suspend/resume support. The dedicated 48
MHz clock source is generated from the internal main PLL.
The CAN and USB share same pins PA11/EXT1-1 and PA12/EXT1-3, so you can’t use both
CAN and USB on same time.
ADC:
STM32F103RBT6 have two 12-bit Analog to Digital Converters which share up to 16
external channels, performing conversions in singleshot or scan modes. In scan mode,
automatic conversion is performed on a selected group of analog inputs.
Additional logic functions embedded in the ADC interface allow:
- Simultaneous sample and hold
- Interleaved sample and hold
- Single shunt
The ADC can be served by the DMA controller.
An analog watchdog feature allows very precise monitoring of the converted voltage of one,
some or all selected channels. An interrupt is generated when the converted voltage is
outside the programmed thresholds. The events generated by the standard timers (TIMx) and
the Advanced Control timer (TIM1) can be internally connected to the ADC start trigger,
injection trigger, and DMA trigger respectively, to allow the application to synchronize A/D
conversion and timers.
Page 14 of 18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn