Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-H103 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part No. STM-H103
Description  STM-H103 development board users manual
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

STM-H103 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button STM-H103 Datasheet HTML 8Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 9Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 10Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 11Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 12Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 13Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 14Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 15Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
INPUT/OUTPUT:
User button with name BUT – connected to STM32F103RBT6 pin.14 PA0.WKUP;
Status green LED with name STAT connected to STM32F103RBT6 pin.53 PC12, note that
LED-E SMT jumper should be shorted to may LED work properly (it’s shorted by default),
if you decide to use PC12 port for other purpose you have to remove the solder short on this
jumper which will disconnect the LED from PC12 port;
Power supply red LED with name PWR – indicates that 3.3V power supply is applied;
JTAG:
The JTAG connector allows the software debugger to talk via a JTAG (Joint
Test Action Group) port directly to the core. Instructions may be inserted and
executed by the core thus allowing STM32F103RBT6 memory to be
programmed with code and executed step by step by the host software.
For more details refer to IEEE Standard 1149.1 - 1990 Standard Test Access
Port and Boundary Scan Architecture and STM32F103RBT6 datasheets and
users manual.
JTAG CONNECTOR PIN DESCRIPTIONS
Pin #
Signal Name
Pin #
Signal Name
1
TVCC 3.3V
2
TVCC 3.3V
3
TRST
4
GND
5
TDI
6
GND
7
TMS
8
GND
9
TCK
10
GND
11
NC
12
GND
13
TDO
14
GND
15
RST
16
GND
17
NC
18
GND
19
NC
20
GND
TMS
Input
Test Mode Select. The TMS pin selects the next state in the TAP state machine.
TCK
Input
Test Clock. This allows shifting of the data in, on the TMS and TDI pins.
It is a positive edgetriggered clock with the TMS and TCK signals that define the internal state
of the device.
TDI
Input
Test Data In. This is the serial data input for the shift register.
TDO
Output Test Data Output. This is the serial data output from the shift register. Data is shifted out of the
device on the negative edge of the TCK signal.
TRST
Input
Test Reset. The TRST pin can be used to reset the test logic within the EmbeddedICE logic.
Page 12 of 18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn