Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM-H103 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. STM-H103
Description  STM-H103 development board users manual
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

STM-H103 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STM-H103 Datasheet HTML 6Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 7Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 8Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 9Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 10Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 11Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 12Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 13Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EXTENSION 2
Pin #
Signal Name
Pin #
Signal Name
1
VDDA
2
PC2
3
GNDA
4
PA0/BUT
5
3.3V
6
GND
7
PA2/UART2.TX
8
PA1
9
PC3
10
PA3/UART2.RX
11
PA4/SPI1.NSS
12
PC4/USB-P
13
PC5
14
PB10/UART3.TX
15
P11/UART3.RX
16
PB13/SPI2.SCK
17
PB12/SPI2.NSS/I2C.SMBA
18
PB14/SPI2.MISO
19
PB15/SPI2.MOSI
20
PC6
21
PC7
22
PC8
23
+5V USB
24
PC9
25
GND
26
VIN
Page 10 of 18
1
25
2
26


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn