Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNAP-AICTD-8 Datasheet(PDF) 6 Page - Opto Electronics Co,. LTD

Part # SNAP-AICTD-8
Description  SNAP Analog Input Modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AICTD-8 Datasheet(HTML) 6 Page - Opto Electronics Co,. LTD

Back Button SNAP-AICTD-8 Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 9Page - Opto Electronics Co,. LTD SNAP-AICTD-8 Datasheet HTML 10Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
6
Current Input Module, -20 mA to +20 mA, Two or Four Channels
Specifications
Description
The SNAP-AIMA and SNAP-AIMA-4 modules provide an input
range of -20mA to +20mA. The SNAP-AIMA has two channels,
and the SNAP-AIMA-4 has four. If you need a similar module
with more channels, see page 9. Check the table on page 3 for
I/O processor compatibility. These modules DO NOT supply
loop excitation current.
Since all inputs share a common
reference, the module must be
installed at the beginning or end
of a typical 4–20mA loop. If you
are using both standard and self-
sourcing transmitters, either put
the transmitters on different
modules or use different power
supplies. If you need channels
that are isolated from each other
on the same module, see
Opto 22 form #1182.
Input Range
-20 mA to +20 mA
Resolution
0.8 microamps
Over-Range Limits
From -22 to +22 mA
(+/-20 mA range)
Input Response Time
(% of span/ delta I/delta tme)
99.9% / 19.9 mA / 10 ms
Data Freshness (Max)
SNAP-AIMA: 11.5 ms
SNAP-AIMA-4: 23 ms
DC Common Mode Rejection
>-120 dB
AC Common Mode Rejection
>-120 dB @ 60 Hz
Maximum Survivable Input
36 mA or 9 VDC
Maximum Operating Common
Mode Voltage
250 V
Accuracy
0.05% (10 microamps)
DRIFT: Gain Temperature
Coefficient
30 PPM/ °C
DRIFT: Offset Temperature
Coefficient
15 PPM/ °C
Power Requirements
5 VDC (±0.15 ) @ 170 mA
Input Resistance - Single
Ended
200 ohms (each channel)
Operating Temperature
-20 °C to 70 °C
Storage Temperature
-40 °C to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Wire size
22 to 14 AWG
Agency Approvals
UL, FM, CE, RoHS, DFARS
Warranty
Lifetime
Part Number
Description
SNAP-AIMA
Two-channel analog current input,
-20 mA to +20 mA
SNAP-AIMA-4
Four-channel analog current input,
-20 mA to +20 mA
SNAP-AIMA Wiring
(Two channels)
Wiring diagrams continue
on the following page.


Similar Part No. - SNAP-AICTD-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-AIMA-HDB ETC2-SNAP-AIMA-HDB Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIMA-HDB-FM** ETC2-SNAP-AIMA-HDB-FM* Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIV-HDB ETC2-SNAP-AIV-HDB Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIV-HDB-FM** ETC2-SNAP-AIV-HDB-FM* Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
More results

Similar Description - SNAP-AICTD-8

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
   SNAP Analog Output Modules
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com