Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNAP-AOV-27 Datasheet(PDF) 4 Page - Opto Electronics Co,. LTD

Part # SNAP-AOV-27
Description  SNAP Analog Output Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AOV-27 Datasheet(HTML) 4 Page - Opto Electronics Co,. LTD

  SNAP-AOV-27 Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 4Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 5Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AOV-27 Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SNAP Analog Output Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 •
www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
4
Description
The SNAP-AOA-23 module provides a nominal output range of 4
mA to 20 mA. An external loop power source is required for the
current loops.
NOTE: Both channels share common reference terminals.
Common reference terminals are 3, 4, 7, and 8.
Specifications:
Part Number
Description
SNAP-AOA-23
Dual-channel analog output current loop
4–20 mA
Input
12-bit serial data
(each channel)
Outputs
4 to 20 mA (each channel)
Span
16 mA
Resolution
3.9 microamps
Response Time
(% of span/delta I/ delta time)
99.9%/15.98 mA/3 mS
DC Common Mode Rejection
>-120 dB
AC Common Mode Rejection
>-120 dB @ 60 Hz
Maximum Operating Common
Mode Voltage
250 V
Common Mode Resistance
>1000 Megohms
Accuracy
0.1% of Span
Gain Temperature Coefficient
50 PPM/°C
Offset Temperature Coefficient
20 PPM/°C
Module Power Requirements
5 Volts DC (±0.15) @ 150 mA
Loop Power Requirements
8 VDC (min) to
32 Volts DC (max)
Max. Loop
Resistance (Ohms)
@ Loop Supply
250
8V
450
12V
650
15V
1050
24V
1450
32V
Max. Loop Resistance formula
(Loop Voltage - 3)
0.02
Ambient Temperature:
Operating
Storage
0 °C to 70 °C
-40 °C to 85 °C
Torque, hold-down screws
4 in-lb (0.45 N-m)
Torque, connector screws
5.26 in-lb (0.6 N-m)
Wire size range
22 to 14 AWG
Agency Approvals
UL, CE, FM, RoHS, DFARS
Warranty
Lifetime
Dual-Channel Current Output
4–20 mA
IMPORTANT: The mounting rack connector has 24 pins; the
module connector has 20 pins. The extra pins on the
mounting rack connector prevent misalignment of the
module during installation.


Similar Part No. - SNAP-AOV-27

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AIARMS E-OEC-SNAP-AIARMS Datasheet
1Mb / 46P
   SNAP Analog Input Modules
SNAP-AICTD E-OEC-SNAP-AICTD Datasheet
1Mb / 46P
   SNAP Analog Input Modules
SNAP-AICTD-4 E-OEC-SNAP-AICTD-4 Datasheet
1Mb / 46P
   SNAP Analog Input Modules
SNAP-AICTD-8 E-OEC-SNAP-AICTD-8 Datasheet
1Mb / 46P
   SNAP Analog Input Modules
SNAP-AIMA E-OEC-SNAP-AIMA Datasheet
1Mb / 46P
   SNAP Analog Input Modules
More results

Similar Description - SNAP-AOV-27

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AIV E-OEC-SNAP-AIV Datasheet
1Mb / 46P
   SNAP Analog Input Modules
logo
National Instruments Co...
NI9263 NI-NI9263 Datasheet
1Mb / 5P
   C Series Analog Output Modules
logo
List of Unclassifed Man...
SCM9B-3000 ETC1-SCM9B-3000 Datasheet
25Kb / 2P
   Computer-to-Analog Output Modules
logo
National Instruments Co...
CFP-AO-200 NI-CFP-AO-200 Datasheet
277Kb / 5P
   Analog Output Modules for Compact FieldPoint
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
logo
Opto Electronics Co,. L...
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com