Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1876 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1876
Description  16-Bit 100 kSPS Sampling ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1876 Datasheet(HTML) 5 Page - Analog Devices

  AD1876_15 Datasheet HTML 1Page - Analog Devices AD1876_15 Datasheet HTML 2Page - Analog Devices AD1876_15 Datasheet HTML 3Page - Analog Devices AD1876_15 Datasheet HTML 4Page - Analog Devices AD1876_15 Datasheet HTML 5Page - Analog Devices AD1876_15 Datasheet HTML 6Page - Analog Devices AD1876_15 Datasheet HTML 7Page - Analog Devices AD1876_15 Datasheet HTML 8Page - Analog Devices AD1876_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD1876
REV. A
–5–
PIN DESCRIPTION
Pin
No.
Name
Type
Description
1
SAMPLE
DI
VIN Acquisition Control Pin. During conversion, SAMPLE controls the state of the internal
Sample-Hold Amplifier and initiates conversion (see “Conversion Control” paragraph). Dur-
ing calibration, SAMPLE is active HIGH, forcing DOUT (Pin 3) LOW. If SAMPLE is LOW
during calibration, DOUT will output diagnostic information (See “Autocalibration” paragraph.)
2
CLK
DI
Master Clock Input. The AD1876 requires 17 clock pulses to execute a conversion. CLK is
also used to derive DOUT CLK (Pin 14). During calibration, 5000 clock pulses are applied.
3DOUT
DO
Serial Output Data, Twos Complement format.
4
DGND
P
Digital Ground.
5VCC
P
+12 V Analog Supply Voltage.
6
N/C
No Connection.
7
N/C
No Connection.
8
AGND
P/AI
Analog Ground.
9
AGND SENSE
AI
Analog Ground Sense.
10
VIN
AI
Analog Input Voltage, referred the AGND SENSE.
11
VREF
AI
External Voltage Reference Input, referred to AGND.
12
VEE
P
–12 V Analog Supply Voltage.
13
VDD
P
+5 V Logic Supply Voltage.
14
DOUT CLK
DO
The rising edge of DOUT CLK may be used to latch DOUT (Pin 3). DOUT CLK is derived from
CLK.
15
BUSY
DO
Status Line for Converter. Active HIGH, indicating a conversion or calibration in progress.
16
CAL
DI
Calibration Control Pin (asynchronous).
Type:
AI = Analog Input.
DI = Digital Input.
DO = Digital Output.
P = Power.
AGND
V
REF
COMP
A CHIP
VIN
8
10
11
9
LEVEL TRANSLATORS
LOGIC TIMING
16-BIT
DAC
INPUT
BUFFERS
CAL
DAC
CLK
SAMPLE
D
CLK
OUT
D CHIP
DOUT
3
14
AD1876
2
16
1
RAM
ALU
SAR
AGND SENSE
CAL
15 BUSY
MICROCODED
CONTROLLER
Functional Block Diagram
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD1876
NC = NO CONNECT
SAMPLE
VDD
DOUTCLK
BUSY
CAL
CLK
DOUT
DGND
VIN
VREF
VEE
VCC
NC
NC
AGND
AGND SENSE
Package Pinout
OBSOLETE


Similar Part No. - AD1876_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1876JN AD-AD1876JN Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
More results

Similar Description - AD1876_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JN AD-AD676JN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677 Datasheet
427Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_17 Datasheet
461Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676KN AD-AD676KN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com